Electronic Components Datasheet Search
  English  ▼

X  

CC1020-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
RF Receive (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX UNIT
CONDITION
Noise figure,
433 and 868 MHz
7
dB
NRZ coded data
cascaded
–23
dBm
LNA2 maximum gain
433 MHz, 102.4 kHz
–18
dBm
LNA2 medium gain
channel filter BW
–16
dBm
LNA2 minimum gain
Input IP3(1)
–18
dBm
LNA2 maximum gain
868 MHz, 102.4 kHz
–15
dBm
LNA2 medium gain
channel filter BW
–13
dBm
LNA2 minimum gain
12.5 kHz channel spacing, 433 MHz
–11
dB
Wanted signal 3 dB above the
Co-channel
sensitivity level, FM jammer (1 kHz
25 kHz channel spacing, 433 MHz
–11
dB
rejection, FSK and
sine, ±2.5 kHz deviation) at
OOK
25 kHz channel spacing, 868 MHz
–11
dB
operating frequency, BER = 10–3.
12.5 kHz channel spacing, 433 MHz
32
dB
Wanted signal 3 dB above the
sensitivity level, FM jammer (1 kHz
Adjacent channel
sine, ±2.5 kHz deviation) at adjacent
25 kHz channel spacing, 433 MHz
37
dB
rejection (ACR)
channel. BER = 10–3.
25 kHz channel spacing, 868 MHz
32
dB
No I/Q gain and
Wanted signal 3 dB above the
26/31
dB
phase calibration
sensitivity level, CW jammer at
Image channel
image frequency, BER = 10−3.
433/868 MHz
rejection
Image rejection after calibration will
I/Q gain and phase
49/52
dB
depend on temperature and supply
calibrated
voltage. Refer to Section 5.9.6.
12.5 kHz channel spacing, 433 MHz
41
dB
Wanted signal 3 dB above the
sensitivity level. CW jammer is
25 kHz channel spacing, 433 MHz
41
dB
swept in 12.5 kHz/25 kHz steps to
Selectivity(2)
within ±1 MHz from wanted channel.
25 kHz channel spacing, 868 MHz
39
dB
BER = 10–3. Adjacent channel and
image channel are excluded.
±1 MHz
50/57
dB
Wanted signal 3 dB above the
sensitivity level, CW jammer at ±1,
±2 MHz
64/71
dB
2, 5 and 10 MHz offset. BER = 10–3.
Blocking /
±5 MHz
64/71
dB
433/868 MHz
12.5 kHz/25 kHz channel spacing at
Desensitization(3)
433/868 MHz.
Complying with EN 300 220, class 2
±10 MHz
75/78
dB
receiver requirements.
No I/Q gain and
Ratio between sensitivity for a
36/41
dB
phase calibration
signal at the image frequency to the
sensitivity in the wanted channel.
Image frequency
Image frequency is RF- 2 IF. The
433/868 MHz
suppression
signal source is a 2.4 kBaud,
I/Q gain and phase
59/62
dB
Manchester coded data, ±2.025 kHz
calibrated
frequency deviation, signal level for
BER = 10–3.
Ratio between sensitivity for an
unwanted frequency to the
sensitivity in the wanted channel.
Spurious rejection
40
dB
The signal source is swept over all
frequencies 100 MHz to 2 GHz.
Signal level for BER = 10−3.
102.4 kHz channel filter bandwidth.
(1)
Two tone test (+10 MHz and +20 MHz)
(2)
Close-in spurious response rejection.
(3)
Out-of-band spurious response rejection.
10
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com