Electronic Components Datasheet Search
  English  ▼

X  

CC1020-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
4.6
RSSI / Carrier Sense
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
TYP
UNIT
CONDITION
RSSI dynamic range
55
dB
12.5 and 25 kHz channel spacing
RSSI accuracy
±3
dB
See Section 5.9.5 for details.
RSSI linearity
±1
dB
2.4 kBaud, 12.5 kHz channel spacing
3.8
ms
Shorter RSSI attach times can be traded for
lower RSSI accuracy. See Section 5.9.5 for
4.8 kBaud, 25 kHz channel spacing
1.9
ms
details.
RSSI attach time
Shorter RSSI attach times can also be traded
for reduced sensitivity and selectivity by
153.6 kBaud, 500 kHz channel spacing
140
µs
increasing the receiver channel filter
bandwidth.
Carrier sense programmable range
40
dB
Accuracy is as for RSSI
12.5 kHz channel spacing
–72
dBm
At carrier sense level –110 dBm, FM jammer
(1 kHz sine, ±2.5 kHz deviation) at adjacent
channel.
Adjacent channel carrier
Adjacent channel carrier sense is measured
sense
25 kHz channel spacing
–72
dBm
by applying a signal on the adjacent channel
and observe at which level carrier sense is
indicated.
At carrier sense level –110 dBm, 100 MHz to
Spurious carrier sense
–70
dBm
2 GHz. Adjacent channel and image channel
are excluded.
4.7
Intermediate Frequency (IF)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
TYP
UNIT
CONDITION
Intermediate frequency (IF)
307.2
kHz
See Section 5.9.1 for details.
The channel filter 6 dB bandwidth is
Digital channel filter bandwidth
9.6 to 307.2
kHz
programmable from 9.6 kHz to 307.2 kHz. See
Section 5.9.2 for details.
At 2.4 kBaud
AFC resolution
150
Hz
Given as Baud rate / 16. See Section 5.9.3 for
details.
12
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com