Electronic Components Datasheet Search
  English  ▼

X  

AP400 Datasheet(PDF) 4 Page - NEC

Part # AP400
Description  On-site wireless telephony on your IP Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AP400 Datasheet(HTML) 4 Page - NEC

  AP400 Datasheet HTML 1Page - NEC AP400 Datasheet HTML 2Page - NEC AP400 Datasheet HTML 3Page - NEC AP400 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
An AP400 based IP DECT configuration can consist of AP400 series
Access Points (the system may also include AP200/300 series
APs), IP DECT system software (release 6), DAP manager software,
a DMLS open interface for messaging and DECT handsets. The
AP400 APs connect to the IP network and form a DECT system that
provides peer to peer IP communication between DECT handsets
and other VoIP users. The connection between AP400s and the
host PBX is using either a dedicated IP protocol or a SIP interface.
As such, it truly integrates with the host PBX system. With the SIP
support (SIP DECT) of AP400, the IP DECT system can be linked
to any certified SIP based host PBX system. The features provided
will depend on the level of SIP interworking. The IP network can be
one single converged voice/data network or a dedicated network.
An Access Point provides 12 DECT channels and supports
up to 11 simultaneous calls or 5 HD-Voice calls. One channel
is used for signalling between the Access Points. An IP DECT
configuration can also support other applications such as voice
mail, web-based telephony, central directory, and messaging. A
DAP Manager is required for installation, maintenance, subscription,
wide area roaming, and messaging. In most configurations the DAP
Manager is not required for operational use. AP400 series consists
of the following models: AP400 for all IP DECT and SIP DECT
applications, AP400E to connect external directional antennas. An
external housing comes with the AP400E for outdoor use, as well as
to protect the external antenna.
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
Australia
NEC Australia Pty Ltd
au.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
www.nec.com.sg
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
About NEC Australia. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large
enterprise, small business and government organisations. We deliver innovative solutions to help customers gain greater business value from
their technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and
services include: IT applications and solutions development, unified communications, complex communications solutions, network solutions,
display solutions, identity management, research and development services, systems integration and professional, technical and managed
services.
IP DECT AP400 series
| v.26.11.2013
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts have
been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related materials.
The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2013 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC Corporation that may be registered in Japan and other jurisdictions.
All other trademarks are the property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632
IP DECT AP400 series
SIP Protocol support
IP DECT architecture
Directives and regulations
Environmental conditions
Reliability AP400 and AP400E
Compliance AP400/AP400E/AP400C
Maintenance
SIP RFC Support
• RFC2246
• RFC2822
• RFC2976
• RFC3264
• RFC3311
• RFC3428
• RFC3578
• RFC3711
• RFC3891
• RFC2327
• RFC2833
• RFC3261
• RFC3265
• RFC3325
• RFC3515
• RFC3665
• RFC3842
• RFC4568
Directives and
regulations
Europe
• R&TTE directive 1999/5/EC
• EMC directive 2004/108/EC
• LVD directive 2006/95/EC
• ROHS directive 2002/95/EC, 2011/65/EU
and WEEE directive 2002/96/EC
• ERP directive 2009/125/EC
Directives and
regulations
North America
• FCC part 15C, 15D
• RSS 210, RSS 213 North America
• HAC/VCHAC/VC
Maintenance
and service
• LED status indication
• Web based management tool
• Downloadable DAP software
Operating:
5°C to +45°C (class 3.2)
Transport:
–40°C to +70°C (class 2.3)
Storage:
–25°C to +60°C (class 1.2)
Relative Humidity
< 90% (non condensing)
European Conformity
The AP400 carries a CE mark
EMC
EN301 489-1, EN301 489-6,
EN61000-3-2/3 (AC supply)
DECT
EN301 406,
ETS 300 757 (Service Class 2)
Safety & Health
EN60950-1, EN50385
MTBF
≤ 4900 FIT (Failure In Time)
Technical Lifetime
≥ 7 years



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com