Electronic Components Datasheet Search
  English  ▼

X  

AP400 Datasheet(PDF) 1 Page - NEC

Part # AP400
Description  On-site wireless telephony on your IP Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AP400 Datasheet(HTML) 1 Page - NEC

  AP400 Datasheet HTML 1Page - NEC AP400 Datasheet HTML 2Page - NEC AP400 Datasheet HTML 3Page - NEC AP400 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
At a glance
On-site wireless telephony on your IP Network
IP DECT AP400 series
NEC Australia
au.nec.com
NEC’s Business Mobility IP DECT provides on-
site wireless telephony in a unique solution that
combines the benefits of IP technology with the
superior quality and facilities of DECT.
The IP DECT AP400 Access Points connect
directly to the IP network and can be used both
on NEC platforms as well as on different brand
PBX platforms with a SIP interface. AP400 series
is also designed to offer new CAT-iq based
features such as HD-voice.
IP DECT adds the following wireless telephony features:
Wireless DECT handsets that integrate in any IP
telephony network.
Rich PBX-type features on the handset.
Unified Communications features with central directory
information.
Powerful messaging, alarming and handset localisation,
through the open interface DMLS.
Supports 11 simultaneous calls or 5 simultaneous calls in
HD-Voice quality (G722).
High scalability up to 750 Access Points.
Compatible with existing AP200 and AP300 versions of
IP DECT Access Points.
High availability by adding a second DAP controller for
redundancy or multiple local DAP controllers for local
surviveability.
Optional G.729 compression with add-on board.
Secure voice communication through DECT authentication
and encryption.
Support of Handset Messaging up to 160 characters.
Main and branch office support over LAN/WAN.
Easy maintenance: downloadable software and web
based tooling.
Increased reachability and productivity of employees.
Easy deployment and installation: plug and play.
Cost savings on infrastructure and cellular use.
All the voice quality, security, availability and feature
transparency of DECT.
Next generation Access Points designed for CAT-iq.
Connect directly to IP network.
Crystal clear speech and seamless handover.
Full security and speech encryption.
Scalable up to 750 APs in one network.
High availability by redundancy and virtualisation options.
Open SIP interface to various PBX platforms.
Compatible with existing AP200 and AP300 Access Points.
Mountable on wall and ceiling.


Similar Part No. - AP400

ManufacturerPart #DatasheetDescription
logo
LEM
AP400-B10 LEM-AP400-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP400-B420L LEM-AP400-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Extreme Networks.
AP4000 EXTREMENETWORKS-AP4000 Datasheet
484Kb / 11P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
AP4000-1-WW EXTREMENETWORKS-AP4000-1-WW Datasheet
484Kb / 11P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
AP4000-IL EXTREMENETWORKS-AP4000-IL Datasheet
484Kb / 11P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
More results

Similar Description - AP400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
100LX ETC2-100LX Datasheet
168Kb / 2P
Network Device System-on-Chip
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
Your Complete Turnkey Infrared System-on-Chip Solution
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
logo
SHENZHEN KYL COMMUNICAT...
KYL-815 KYL-KYL-815 Datasheet
470Kb / 5P
4-way wireless ON-OFFModule
KYL-818 KYL-KYL-818 Datasheet
537Kb / 5P
8-way wireless ON-OFFModule
logo
Linear Technology
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
Connector for flexible on-site assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com