Electronic Components Datasheet Search
  English  ▼

X  

TA2012N Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA2012N
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012N Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA2012N Datasheet HTML 3Page - Toshiba Semiconductor TA2012N Datasheet HTML 4Page - Toshiba Semiconductor TA2012N Datasheet HTML 5Page - Toshiba Semiconductor TA2012N Datasheet HTML 6Page - Toshiba Semiconductor TA2012N Datasheet HTML 7Page - Toshiba Semiconductor TA2012N Datasheet HTML 8Page - Toshiba Semiconductor TA2012N Datasheet HTML 9Page - Toshiba Semiconductor TA2012N Datasheet HTML 10Page - Toshiba Semiconductor TA2012N Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
7
Application Note
1. How to control the IF count output signal (pin(9) output)
TUN LED
ON
OFF
H
Come out
Non output
V8
L
Non output
Non output
· Whether or not there is the IF count output signal (pin(9) output) is determined by the and of the pin(8)
control voltage: V8 and tuning LED on / off switching.
In the condition of
V8: High (active high, VTH = 0.8V (typ.))
TUN LED: ON (Vin ≥ VL+2dBµV EMF (typ.))
the IF count output signal comes out from the pin(9).
In the case of the tuning LED function is not needed, it doesn't matter the pin(10) is opened.
· The output impedance of pin(9) is 1.5kΩ (typ.) (cf.P.4)
It is possible to reduce the IF count output signal level to add the resistance between the pin(9) and the VCC
line.
· The signal waveform is the rectangular wave, and the level is 500mVp-p (typ.)
2. How to control the divider of FM IF
Switch
VCC: 10.7MHz output
GND or OPEN: 1.3375MHz output (1 / 8 dividing)
3. How to adjust the IF count output sensitivity
· The IF count output sensitivity (search sensitivity)
Can be adjusted by varying the IF AMP gain for FM and varying the MIXER gain for AM.
This setting is made by changing the value of external resistance R2 which is connected to
pin(2).
· However, this is only possible at the auto-tuning mode. (external voltage supplied to pin(8) is at high level.)
The original again returns while receiving a broadcast station (supplied voltage to pin(8) is at low level.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com