Electronic Components Datasheet Search
  English  ▼

X  

TA2012N Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA2012N
Description  3V AM / FM IF MPX (For Digital Tuning System)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012N Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA2012N Datasheet HTML 1Page - Toshiba Semiconductor TA2012N Datasheet HTML 2Page - Toshiba Semiconductor TA2012N Datasheet HTML 3Page - Toshiba Semiconductor TA2012N Datasheet HTML 4Page - Toshiba Semiconductor TA2012N Datasheet HTML 5Page - Toshiba Semiconductor TA2012N Datasheet HTML 6Page - Toshiba Semiconductor TA2012N Datasheet HTML 7Page - Toshiba Semiconductor TA2012N Datasheet HTML 8Page - Toshiba Semiconductor TA2012N Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8132AN,TA8132AF,TA2012N,TA2012F
3V AM / FM IF + MPX
(For Digital Tuning System)
TA8132AN, TA8132AF and TA2012N, TA2012F are the AM / FM
IF+ST DET system ICs, which are designed for DTS radios.
These are included many functions and these can be used for
digital tuning system with IF counter.
Features
· Built−in AM / FM IF and FM stereo PLL multiplex decoder.
· Suitable for combination with digital tuning system which is
included IF counter.
○
One terminal type AM / FM IF count output (auto stop
signal) for IF counter of digital tuning system.
FM: 10.7MHz or 1.3375MHz (1 / 8 dividing)
changeable by external switch
AM: 450kHz
○
Built−in mute circuit for IF count output.
It is controlled by the IF request signal from digital
tuning system,
Pin(8) level: High → come out
Low → non output
○
Adjustable for IF count output sensitivity by external
resistance of pin(2).
· For adopting ceramic discriminator and ceramic resonator, it
is not necessary to adjust the FM quad detector circuit and
FM ST DET VCO circuit.
· S curve characteristics of FM detection output in TA8132AN, TA8132AF and TA2012N, TA2012F are reverse to
each other.
TA8132AN, TA8132AF: Reverse characteristic.
TA2012N, TA2012F: Normal characteristic.
· Built−in one terminal type AM low cut circuit.
· TA2053F is reverse pin type of TA2012F.
· Operating supply voltage range (Ta = 25°C)
VCC (opr.) = 1.8~8.0V
Weight
SDIP24−P−300−1.78: 1.2g (typ.)
SSOP24−P−300−1.00 : 0.31g (typ.)


Similar Part No. - TA2012N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TA201216 POWEREX-TA201216 Datasheet
200Kb / 4P
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA20121603DH POWEREX-TA20121603DH Datasheet
838Kb / 4P
Phase Control SCR 1600 Amperes Average 2400 Volts
TA201218 POWEREX-TA201218 Datasheet
200Kb / 4P
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
More results

Similar Description - TA2012N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
30-Oct-2002
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
AM/FM IFMPX
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
FM/AM IF SYSTEM (3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com