Electronic Components Datasheet Search
  English  ▼

X  

STL9P2UH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL9P2UH7
Description  P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P2UH7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL9P2UH7 Datasheet HTML 1Page - STMicroelectronics STL9P2UH7 Datasheet HTML 2Page - STMicroelectronics STL9P2UH7 Datasheet HTML 3Page - STMicroelectronics STL9P2UH7 Datasheet HTML 4Page - STMicroelectronics STL9P2UH7 Datasheet HTML 5Page - STMicroelectronics STL9P2UH7 Datasheet HTML 6Page - STMicroelectronics STL9P2UH7 Datasheet HTML 7Page - STMicroelectronics STL9P2UH7 Datasheet HTML 8Page - STMicroelectronics STL9P2UH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2014
DocID025141 Rev 3
1/14
This is information on a product in full production.
www.st.com
STL9P2UH7
P-
channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7
Power MOSFET in a PowerFLAT™ 3.3x3.3 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)max
ID
STL9P2UH7
20 V
0.0225 Ω @ 4.5 V
9 A
Very low on-resistance
Very low capacitance and gate charge
High avalanche ruggedness
Applications
Switching applications
Description
This P-channel Power MOSFET utilizes the
STripFET H7 technology with a trench gate
structure combined with extremely low on-
resistance. The device also offers ultra-low
capacitances for higher switching frequency
operations.
Table 1: Device summary
Order code
Marking
Package
Packaging
STL9P2UH7
9P2H7
PowerFLAT™
3.3x3.3
Tape and
reel
For the P-channel Power MOSFET the
actual polarity of the voltages and the
current must be reversed.
1
2
3
4
PowerFLA
T™ 3.3x3.3
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
8
1
2
3
4
7
6
5


Similar Part No. - STL9P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STL9P4LF6AG STMICROELECTRONICS-STL9P4LF6AG Datasheet
419Kb / 12P
Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
28-Apr-2021
More results

Similar Description - STL9P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
29-Apr-2014
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL9P4LF6AG STMICROELECTRONICS-STL9P4LF6AG Datasheet
419Kb / 12P
Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
28-Apr-2021
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com