Electronic Components Datasheet Search
  English  ▼

X  

STL10N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL10N60M2
Description  N-channel 600 V, 0.580 Ω typ., 5.5 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL10N60M2 Datasheet HTML 3Page - STMicroelectronics STL10N60M2 Datasheet HTML 4Page - STMicroelectronics STL10N60M2 Datasheet HTML 5Page - STMicroelectronics STL10N60M2 Datasheet HTML 6Page - STMicroelectronics STL10N60M2 Datasheet HTML 7Page - STMicroelectronics STL10N60M2 Datasheet HTML 8Page - STMicroelectronics STL10N60M2 Datasheet HTML 9Page - STMicroelectronics STL10N60M2 Datasheet HTML 10Page - STMicroelectronics STL10N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID025439 Rev 2
7/16
STL10N60M2
Electrical characteristics
16
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized V(BR)DSS vs temperature
Figure 13. Source-drain diode forward
characteristics
C
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
100
1000
AM15827v1
Eoss
0
VDS(V)
(µJ)
200
100
500
0
1
2
3
300
400
600
AM15832v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
AM15915v1
RDS(on)
1.1
0.9
0.7
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
ID= 2.5 A
1.3
1.5
1.7
1.9
2.1
2.3
VGS= 10 V
AM15916v1
V(BR)DSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.97
0.99
1.01
1.03
1.05
1.07
ID=1mA
1.09
1.11
AM15917v1
VSD
0
2
ISD(A)
(V)
1
5
3
4
0
0.2
0.4
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
6
7
1
1.2
1.4
AM15830v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com