Electronic Components Datasheet Search
  English  ▼

X  

STL10N60M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL10N60M2
Description  N-channel 600 V, 0.580 Ω typ., 5.5 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10N60M2 Datasheet(HTML) 4 Page - STMicroelectronics

  STL10N60M2 Datasheet HTML 1Page - STMicroelectronics STL10N60M2 Datasheet HTML 2Page - STMicroelectronics STL10N60M2 Datasheet HTML 3Page - STMicroelectronics STL10N60M2 Datasheet HTML 4Page - STMicroelectronics STL10N60M2 Datasheet HTML 5Page - STMicroelectronics STL10N60M2 Datasheet HTML 6Page - STMicroelectronics STL10N60M2 Datasheet HTML 7Page - STMicroelectronics STL10N60M2 Datasheet HTML 8Page - STMicroelectronics STL10N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL10N60M2
4/16
DocID025439 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
1
µA
VDS = 600 V, TC= 125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 2.5 A
0.580
0.660
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
400
-
pF
Coss
Output capacitance
-
22
-
pF
Crss
Reverse transfer
capacitance
-0.84-
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS.
Output equivalent
capacitance
VDS = 0 to 480 V, VGS = 0
-
83
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
6.4
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 7.5 A,
VGS = 10 V
(see Figure 15)
-13.5-
nC
Qgs
Gate-source charge
-
2.1
-
nC
Qgd
Gate-drain charge
-
7.2
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 3.75 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19)
-8.8
-
ns
tr
Rise time
-
8
-
ns
td(off)
Turn-on delay time
-
32.5
-
ns
tf
Fall time
-
13.2
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com