Electronic Components Datasheet Search
  English  ▼

X  

STL13N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL13N60M2
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL13N60M2 Datasheet HTML 3Page - STMicroelectronics STL13N60M2 Datasheet HTML 4Page - STMicroelectronics STL13N60M2 Datasheet HTML 5Page - STMicroelectronics STL13N60M2 Datasheet HTML 6Page - STMicroelectronics STL13N60M2 Datasheet HTML 7Page - STMicroelectronics STL13N60M2 Datasheet HTML 8Page - STMicroelectronics STL13N60M2 Datasheet HTML 9Page - STMicroelectronics STL13N60M2 Datasheet HTML 10Page - STMicroelectronics STL13N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID026363 Rev 2
7/16
STL13N60M2
Electrical characteristics
16
Figure 8. Gate charge vs gate-source voltage
Figure 9. Capacitance variations
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Output capacitance stored energy
VGS
6
4
2
0
0
Qg(nC)
(V)
8
8
4
10
VDD=480V
300
200
100
0
400
VDS
12
16
500
VDS
(V)
ID=11A
AM15716v1
C
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
100
1000
AM15717v1
VGS(th)
0.9
0.8
0.7
0.6
TJ(°C)
(norm)
-50
1.0
ID=250µA
0
50
100
1.1
AM15718v1
RDS(on)
1.1
0.9
0.7
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
ID= 4.5 A
1.3
1.5
1.7
1.9
2.1
2.3
VGS= 10 V
AM15916v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.5
0.6
0.7
0.8
TJ=-50°C
TJ=150°C
TJ=25°C
0.9
1
AM15720v1
Eoss
0
VDS(V)
(µJ)
200
100
500
0
1
2
3
4
300
400
AM15721v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com