Electronic Components Datasheet Search
  English  ▼

X  

STL13N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL13N60M2
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL13N60M2 Datasheet HTML 1Page - STMicroelectronics STL13N60M2 Datasheet HTML 2Page - STMicroelectronics STL13N60M2 Datasheet HTML 3Page - STMicroelectronics STL13N60M2 Datasheet HTML 4Page - STMicroelectronics STL13N60M2 Datasheet HTML 5Page - STMicroelectronics STL13N60M2 Datasheet HTML 6Page - STMicroelectronics STL13N60M2 Datasheet HTML 7Page - STMicroelectronics STL13N60M2 Datasheet HTML 8Page - STMicroelectronics STL13N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID026363 Rev 2
5/16
STL13N60M2
Electrical characteristics
16
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
t
d(on)
Turn-on delay time
V
DD
= 300 V, I
D
= 5.5 A,
R
G
= 4.7
Ω
, V
GS
= 10 V
(see
Figure 14 and 19)
-11
-
ns
t
r
Rise time
-
10
-
ns
t
d(off)
Turn-off delay time
-
41
-
ns
t
f
Fall time
-
9.5
-
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
I
SD
Source-drain current
-
7
A
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
28
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
V
GS
= 0, I
SD
= 7 A
-
1.6
V
t
rr
Reverse recovery time
I
SD
= 11 A, di/dt = 100 A/μs
V
DD
= 60 V (see
Figure 16)
-297
ns
Q
rr
Reverse recovery charge
-
2.8
μC
I
RRM
Reverse recovery current
-
18.5
A
t
rr
Reverse recovery time
I
SD
= 11 A, di/dt = 100 A/μs
V
DD
= 60 V, T
j
=150 °C
(see
Figure 16)
-394
ns
Q
rr
Reverse recovery charge
-
3.8
μC
I
RRM
Reverse recovery current
-
19
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com