Electronic Components Datasheet Search
  English  ▼

X  

STL13N65M2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL13N65M2
Description  Extremely low gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13N65M2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL13N65M2 Datasheet HTML 8Page - STMicroelectronics STL13N65M2 Datasheet HTML 9Page - STMicroelectronics STL13N65M2 Datasheet HTML 10Page - STMicroelectronics STL13N65M2 Datasheet HTML 11Page - STMicroelectronics STL13N65M2 Datasheet HTML 12Page - STMicroelectronics STL13N65M2 Datasheet HTML 13Page - STMicroelectronics STL13N65M2 Datasheet HTML 14Page - STMicroelectronics STL13N65M2 Datasheet HTML 15Page - STMicroelectronics STL13N65M2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STL13N65M2
12/16
DocID027319 Rev 1
Table 9. PowerFLAT™ 5x6 HV mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.80
1.00
A1
0.02
0.05
A2
0.25
b0.30
0.50
D
5.005.205.40
E
5.956.156.35
D2
4.30
4.40
4.50
E2
3.10
3.20
3.30
e1.27
L
0.500.550.60
K
1.902.002.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16