Electronic Components Datasheet Search
  English  ▼

X  

PCM16C010 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C010
Description  Configurable PC Card Interface Chip
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C010 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PCM16C010 Datasheet HTML 1Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
30 Pinout Description
TABLE 3-1 PC Card Host-Side Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
HDATA(150)
IO
39 – 41 43 45
TTL 6 mA
l
100k to GND
PC Card Host Data Bus
46 66 – 71 73 – 76
HADDR(120)
I
47 – 52 54 – 56
TTL
l
100k to GND
PC Card Host Address Bus
59 60 62 64
HOE
I
63
TTL
l
100k to VCC
PC Card Host uses this pin to read
common or attribute memory space
HWE
I
58
TTL
l
100k to VCC
PC Card Host uses this pin to write
common or attribute memory space
HIORD
I
79
TTL
l
100k to VCC
PC Card Host uses this pin to read IO
memory space
HIOWR
I
80
TTL
l
100k to VCC
PC Card Host uses this pin to write IO
memory space
IREQ
O
57
CMOS 6 mA
Interrupt Request signal to PC Card Host
HWAIT
O
33
CMOS 6 mA
This pin allows the PCM16C02 to insert
wait states in a PC Card transaction
IOIS16
O
42
CMOS 6 mA
Low indicates this IO access to the card
is capable of 16-bit access The Function
may use IOCS16
to control this signal
and inform the host if a 16-bit access to
the target is feasible
INPACK
O
34
CMOS 6 mA
Signals a valid IO read
CE1
I
65
TTL
l
100k to VCC
Indicates even address byte Odd
addresses are not released CE1
and
CE2
assertion encodings are specified
by the PC Card Standard
CE2
I
78
TTL
l
100k to VCC
Indicates odd addressing only CE1
and
CE2
assertion encodings are specified
by the PC Card Standard
REG
I
35
TTL
l
100k to VCC
Indicates access to attribute memory
space or IO address space REG
must
be high to access common memory
space
RESET
I
32
TTL Schmitt
l
100k to VCC
Asynchronously resets the PCM16C02
SPKR
O
37
CMOS 6 mA
If Audio bits are set in the Card
Configuration Status Register and in the
Function Configuration Status Register
then SPKR
is invert of SPK
IN pin
else SPKR
is high
STSCHG
O
38
CMOS 6 mA
STSCHG
is asserted when the
Changed bit and SigChg bit are set in the
Card Configuration Status Register
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com