Electronic Components Datasheet Search
  English  ▼

X  

PCM16C010 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C010
Description  Configurable PC Card Interface Chip
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C010 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PCM16C010 Datasheet HTML 1Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 2Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 3Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TLF12147
August 1996
PCM16C010
Configurable PC Card Interface Chip
General Description
National’s PCM16C010 acts as a standard interface be-
tween the PC Card Host bus and local card busses found on
IO and memory PC Cards This device allows the card de-
signer to focus on the design of the IO functions while
providing a one-chip solution for IO memory window con-
trol EEPROM interfacing and power management
The PCM16C010 provides a PC Card interface for any ISA
like function which allows it to be placed on a PC Card
In addition the PCM16C010 provides the capability to con-
figure the function as a NAND Flash (NM29N16) interface
supporting all of the necessary control signals required to
handshake with NAND Flash (NM29N16) memory devices
The PCM16C010 is fully compliant with the PC Card Stan-
dard This IC allows the system software to setup an IO
decode window and provides the Attribute memory decode
control that allow attribute read and write data transfers
Note PC Card refers to technology developed to the PC
Card Standards determined by the PCMCIA Standards
Committee
Features
Y
PC Card bus interface
Y
PC Card Standard configuration registers
Y
100 pin TQFP package
Y
Configurable as NAND Flash (NM29N16) interface
Y
Serial EEPROM Interface compatible with
MICROWIRETM EEPROM protocol
Y
1-kbyte on chip RAM for attribute memory which shad-
ows the CIS and is used for loading static registers
Y
Address decoding and control for IO functions
Y
Power management and clock control
Y
Common memory logic for common memory devices in-
cluding NOR Flash devices
Y
Operating voltage range e VCC(opr) e 3VE50V
10 System Diagram
TLF12147 – 1
FIGURE 1-1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Similar Part No. - PCM16C010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
Configurable Multiple Function PCMCIA Interface Chip
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
Configurable Multiple Function PC Card Interface Chip
PCM16C02VJG NSC-PCM16C02VJG Datasheet
420Kb / 42P
Configurable Multiple Function PC Card Interface Chip
More results

Similar Description - PCM16C010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVXC3245 NSC-54LVXC3245 Datasheet
116Kb / 10P
8-Bit Dual Supply Configurable Voltage Interface
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
Configurable Multiple Function PCMCIA Interface Chip
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9711CY VISHAY-SI9711CY Datasheet
189Kb / 6P
PC Card (PCMCIA) Interface Switch
05-Apr-99
SI9707DY VISHAY-SI9707DY Datasheet
116Kb / 4P
PC Card (PCMCIA) Dual Interface Switch
05-Apr-99
logo
National Semiconductor ...
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
Configurable Multiple Function PC Card Interface Chip
logo
Vishay Siliconix
SI9707 VISHAY-SI9707 Datasheet
63Kb / 5P
PC Card (PCMCIA) Dual Interface Switch
19-Apr-04
SI9711 VISHAY-SI9711 Datasheet
81Kb / 7P
PC Card (PCMCIA) Interface Switch
19-Apr-04
SI9706DY VISHAY-SI9706DY_V01 Datasheet
234Kb / 6P
PC Card (PCMCIA) Interface Switch
16-Feb-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com