Electronic Components Datasheet Search
  English  ▼

X  

STL90N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL90N3LLH6
Description  N-channel 30 V, 0.0038 Ω typ., 24 A STripFET™ VI DeepGATE™ Power MOSFET in PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL90N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
September 2013
DocID15573 Rev 4
1/16
STL90N3LLH6
N-channel 30 V, 0.0038
Ω typ., 24 A STripFET™ VI DeepGATE™
Power MOSFET in PowerFLAT™ 5x6 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• RDS(on) * Qg industry benchmark
• Extremely low on-resistance RDS(on)
• High avalanche ruggedness
• Low gate drive power losses
• Very low switching gate charge
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest RDS(on) in all packages.
1
2
3
4
PowerFLAT™5x6
AM15540v2
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Order code
VDS
RDS(on) max.
ID
STL90N3LLH6
30 V
0.0045
Ω
24 A
(1)
1.
The value is rated according Rthj-pcb
Table 1. Device summary
Order code
Marking
Packages
Packaging
STL90N3LLH6
90N3LLH6
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL90N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
482Kb / 14P
N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 4
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
N-channel 60 V, 0.0046 Ω typ., 90 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2015 Rev 2
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results

Similar Description - STL90N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
20-Mar-2013
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com