Electronic Components Datasheet Search
  English  ▼

X  

STL90N3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL90N3LLH6
Description  N-channel 30 V, 0.0038 Ω typ., 24 A STripFET™ VI DeepGATE™ Power MOSFET in PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL90N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL90N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL90N3LLH6
4/16
DocID15573 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 30 V,
1
µA
VDS = 30 V TC = 125 °C
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1
1.7
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 12 A
0.0038
0.0045
Ω
VGS= 4.5 V, ID= 12 A
0.0057
0.0073
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f=1 MHz,
VGS=0
1350
1690
2030
pF
Coss
Output capacitance
230
290
350
pF
Crss
Reverse transfer
capacitance
140
176
210
pF
Qg
Total gate charge
VDD=15 V, ID = 24 A
VGS =4.5 V
(see Figure 14)
17
nC
Qgs
Gate-source charge
8
nC
Qgd
Gate-drain charge
6
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
1.25
1.7
2
Ω
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD=15 V, ID= 12 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
-9.5
-
ns
tr
Rise time
-
30
-
ns
td(off)
Turn-off delay time
-
37
-
ns
tf
Fall time
-
12
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com