Electronic Components Datasheet Search
  English  ▼

X  

STNRGPF01TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 2Page - STMicroelectronics STNRGPF01TR Datasheet HTML 3Page - STMicroelectronics STNRGPF01TR Datasheet HTML 4Page - STMicroelectronics STNRGPF01TR Datasheet HTML 5Page - STMicroelectronics STNRGPF01TR Datasheet HTML 6Page - STMicroelectronics STNRGPF01TR Datasheet HTML 7Page - STMicroelectronics STNRGPF01TR Datasheet HTML 8Page - STMicroelectronics STNRGPF01TR Datasheet HTML 9Page - STMicroelectronics STNRGPF01TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
STNRGPF01 control architecture
STNRGPF01
6/40
DocID030377 Rev 2
Thus the master PWM signal is generated by comparing the analog PI output Vctrl and
a triangular wave Vtriang at switching frequency. Finally, an interleaving operation is
performed and three 120° phase-shifted PWM signals (180° for two channels only) drive the
three power switches.
Moreover, the digital section includes the input voltage and load feed-forward for fast
transient response when the main voltage changes suddenly or a load step current occurs,
preventing large over or undervoltage on the output capacitor Cout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com