Electronic Components Datasheet Search
  English  ▼

X  

STNRGPF01TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 5Page - STMicroelectronics STNRGPF01TR Datasheet HTML 6Page - STMicroelectronics STNRGPF01TR Datasheet HTML 7Page - STMicroelectronics STNRGPF01TR Datasheet HTML 8Page - STMicroelectronics STNRGPF01TR Datasheet HTML 9Page - STMicroelectronics STNRGPF01TR Datasheet HTML 10Page - STMicroelectronics STNRGPF01TR Datasheet HTML 11Page - STMicroelectronics STNRGPF01TR Datasheet HTML 12Page - STMicroelectronics STNRGPF01TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID030377 Rev 2
9/40
STNRGPF01
STNRGPF01 block diagram
40
3.2
Measurements section
The STNRGPF01 includes 4 input measurement channels. These inputs are defined from
pin 31 to pin 34 and they are specified below.
Pin 31. VIN: RMS input voltage
Pin 32. Temp: ambient temperature
Pin 33. IOUT: PFC output current
Pin 34: VOUT: PFC output voltage
Pin 31, VIN
This is the input of the RMS line voltage and also implements the voltage input feed-forward.
The input voltage feed-forward modifies the PI output, compensating rapidly the effect of the
line voltage changes. See Figure 5.
Pin 32, Temp
This is the input for the board temperature measurement. An external ST temperature
sensor, STLM20, measures the board temperature. The PWM activity will be stopped when
the temperature exceeds the user-defined threshold. See Figure 4.
Figure 4. Temperature measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com