Electronic Components Datasheet Search
  English  ▼

X  

STP90N6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP90N6F6
Description  N-channel 60 V, 0.0057 Ω typ., 90 A STripFET™ F6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP90N6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP90N6F6 Datasheet HTML 1Page - STMicroelectronics STP90N6F6 Datasheet HTML 2Page - STMicroelectronics STP90N6F6 Datasheet HTML 3Page - STMicroelectronics STP90N6F6 Datasheet HTML 4Page - STMicroelectronics STP90N6F6 Datasheet HTML 5Page - STMicroelectronics STP90N6F6 Datasheet HTML 6Page - STMicroelectronics STP90N6F6 Datasheet HTML 7Page - STMicroelectronics STP90N6F6 Datasheet HTML 8Page - STMicroelectronics STP90N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2015
DocID025190 Rev 3
1/13
This is information on a product in full production.
www.st.com
STP90N6F6
N-
channel 60 V, 0.0057 Ω typ., 90 A STripFET™ F6
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STP90N6F6
60 V
0.0063 Ω
90 A
136 W
•
Very low on-resistance
•
Very low gate charge
•
High avalanche ruggedness
•
Low gate drive power loss
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ F6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packaging
STP90N6F6
90N6F6
TO-220
Tube


Similar Part No. - STP90N6F6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP90N6F6 ISC-STP90N6F6 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP90N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STH110N7F6-2 STMICROELECTRONICS-STH110N7F6-2 Datasheet
912Kb / 17P
N-channel 68 V, 0.0053 Ω typ.,110 A, STripFET™ F6 Power MOSFET in a H2PAK-2 package
30-Mar-2015
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
16-Nov-2016
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com