Electronic Components Datasheet Search
  English  ▼

X  

TDA7564 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7564
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7564 Datasheet HTML 7Page - STMicroelectronics TDA7564 Datasheet HTML 8Page - STMicroelectronics TDA7564 Datasheet HTML 9Page - STMicroelectronics TDA7564 Datasheet HTML 10Page - STMicroelectronics TDA7564 Datasheet HTML 11Page - STMicroelectronics TDA7564 Datasheet HTML 12Page - STMicroelectronics TDA7564 Datasheet HTML 13Page - STMicroelectronics TDA7564 Datasheet HTML 14Page - STMicroelectronics TDA7564 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
TDA7564
– After a diagnostic cycle, the audio channel interested by the fault is switched to RESTART mode. The
relevant data are stored inside the device and can be read by the microprocessor. When one cycle has
terminated, the next one is activated by an I2C reading. This is to ensure continuous diagnostics
throughout the car-radio operating time.
– To check the status of the device a sampling system is needed. The timing is chosen at microprocessor
level (over half a second is recommended).
Figure 19. Restart timing without Diagnostic Enable (Permanent) - Each 1mS time, a sampling of
the fault is done
Figure 20. Restart timing with Diagnostic Enable (Permanent)
OUTPUT DC OFFSET DETECTION
Any DC output offset exceeding ±2V are signalled out. This inconvenient might occur as a consequence of ini-
tially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the
speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command):
– START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
– STOP = Actual reading operation
Excess offset is signalled out if persistent throughout the assigned testing time. This feature is disabled if any
overloads leading to activation of the short-circuit protection occurs in the process.
AC DIAGNOSTIC.
It is targeted at detecting accidental disconnection of tweeters in 2-way speaker and, more in general, presence
of capacitively (AC) coupled loads.
This diagnostic is based on the notion that the overall speaker's impedance (woofer + parallel tweeter) will tend
to increase towards high frequencies if the tweeter gets disconnected, because the remaining speaker (woofer)
would be out of its operating range (high impedance). The diagnostic decision is made according to peak output
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
Out
t
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
1-2mS
100/200mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com