Electronic Components Datasheet Search
  English  ▼

X  

TDA7564 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7564
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7564 Datasheet HTML 8Page - STMicroelectronics TDA7564 Datasheet HTML 9Page - STMicroelectronics TDA7564 Datasheet HTML 10Page - STMicroelectronics TDA7564 Datasheet HTML 11Page - STMicroelectronics TDA7564 Datasheet HTML 12Page - STMicroelectronics TDA7564 Datasheet HTML 13Page - STMicroelectronics TDA7564 Datasheet HTML 14Page - STMicroelectronics TDA7564 Datasheet HTML 15Page - STMicroelectronics TDA7564 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TDA7564
12/20
current thresholds, as follows:
Iout > 500mApk = NORMAL STATUS
Iout < 250mApk = OPEN TWEETER
To correctly implement this feature, it is necessary to briefly provide a signal tone (with the amplifier in "play")
whose frequency and magnitude are such to determine an output current higher than 500mApk in normal con-
ditions and lower than 250mApk should the parallel tweeter be missing. The test has to last for a minimum num-
ber of 3 sine cycles starting from the activation of the AC diagnostic function IB2<D2>) up to the I2C reading of
the results (measuring period). To confirm presence of tweeter, it is necessary to find at least 3 current pulses
over 500mA over all the measuring period, else an "open tweeter" message will be issued.
The frequency / magnitude setting of the test tone depends on the impedance characteristics of each specific
speaker being used, with or without the tweeter connected (to be calculated case by case). High-frequency
tones (> 10 KHz) or even ultrasonic signals are recommended for their negligible acoustic impact and also to
maximize the impedance module's ratio between with tweeter-on and tweeter-off.
Fig. 21 shows the Load Impedance as a function of the peak output voltage and the relevant diagnostic fields.
This feature is disabled if any overloads leading to activation of the short-circuit protection occurs in the process.
Figure 21. Current detection: Load impedance magnitude |Z| vs. output peak voltage of the sinus
MULTIPLE FAULTS
When more misconnections are simultaneously in place at the audio outputs, it is guaranteed that at least one
of them is initially read out. The others are notified after successive cycles of I2C reading and faults removal,
provided that the diagnostic is enabled. This is true for both kinds of diagnostic (Turn on and Permanent).
The table below shows all the couples of double-fault possible. It should be taken into account that a short circuit
with the 4 ohm speaker unconnected is considered as double fault.
Double fault table for Turn On Diagnostic
S. GND (so)
S. GND (sk)
S. Vs
S. Across L.
Open L.
S. GND (so)
S. GND
S. GND
S. Vs + S. GND
S. GND
S. GND
S. GND (sk)
/
S. GND
S. Vs
S. GND
Open L. (*)
S. Vs
/
/
S. Vs
S. Vs
S. Vs
S. Across L.
/
/
/
S. Across L.
N.A.
Open L.
/
/
/
/
Open L. (*)
1234
5678
1
2
3
5
10
20
30
50
Vout (Peak)
Load |z| (Ohm)
Iout (peak) <250mA
Iout (peak) >500mA
Low current detection area
(Open load)
D5 = 1 of the DBx byres
High current detection area
(Normal load)
D5 = 0 of the DBx bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com