Electronic Components Datasheet Search
  English  ▼

X  

STP240N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP240N10F7
Description  Ultra low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP240N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STP240N10F7 Datasheet HTML 1Page - STMicroelectronics STP240N10F7 Datasheet HTML 2Page - STMicroelectronics STP240N10F7 Datasheet HTML 3Page - STMicroelectronics STP240N10F7 Datasheet HTML 4Page - STMicroelectronics STP240N10F7 Datasheet HTML 5Page - STMicroelectronics STP240N10F7 Datasheet HTML 6Page - STMicroelectronics STP240N10F7 Datasheet HTML 7Page - STMicroelectronics STP240N10F7 Datasheet HTML 8Page - STMicroelectronics STP240N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP240N10F7
4/13
DocID023934 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0, ID = 250 µA
100
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS= 100 V
1
µA
VGS = 0, VDS= 100 V,
TC= 125°C
100
µA
IGSS
Gate body leakage current VDS = 0, VGS = +20 V
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2.5
4.5
V
RDS(on)
Static drain-source
on-resistance
VGS= 10 V, ID= 60 A
2.85
3.2
m
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 25 V,
f = 1 MHz
-
11550
-
pF
Coss
Output capacitance
-
2950
-
pF
Crss
Reverse transfer
capacitance
-217
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 110 A,
VGS = 10 V
(see Figure 14)
-160
-
nC
Qgs
Gate-source charge
-
48
-
nC
Qgd
Gate-drain charge
-
38
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 50 V, ID = 90 A
RG =4.7 Ω VGS = 10 V
(see Figure 13,
Figure 18)
-49
-
ns
tr
Rise time
-
139
-
ns
td(off)
Turn-off delay time
-
110
-
ns
tf
Fall time
-
112
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com