Electronic Components Datasheet Search
  English  ▼

X  

TAS5782M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5782M
Description  30 W Stereo Class-D Amplifier with 96-kHz Processing
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5782M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5782M Datasheet HTML 17Page - Texas Instruments TAS5782M Datasheet HTML 18Page - Texas Instruments TAS5782M Datasheet HTML 19Page - Texas Instruments TAS5782M Datasheet HTML 20Page - Texas Instruments TAS5782M Datasheet HTML 21Page - Texas Instruments TAS5782M Datasheet HTML 22Page - Texas Instruments TAS5782M Datasheet HTML 23Page - Texas Instruments TAS5782M Datasheet HTML 24Page - Texas Instruments TAS5782M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
21
TAS5782M
www.ti.com
SLASEG8 – MARCH 2017
Product Folder Links: TAS5782M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.9 Serial Audio Port Timing – Master Mode
See Figure 20.
MIN
NOM
MAX
UNIT
tSCLK
SCLK period
40
ns
tSCLKL
SCLK pulse width, low
16
ns
tSCLKH
SCLK pulse width, high
16
ns
tLRD
LRCK/FS delay time from to SCLK falling edge
–10
20
ns
tSU
Data setup time, before SCLK rising edge
8
ns
tDH
Data hold time, after SCLK rising edge
8
ns
tDFS
Data delay time from SCLK falling edge
15
ns
7.10 I
2C Bus Timing – Standard
MIN
MAX
UNIT
fSCL
SCL clock frequency
100
kHz
tBUF
Bus free time between a STOP and START condition
4.7
µs
tLOW
Low period of the SCL clock
4.7
µs
tHI
High period of the SCL clock
4
µs
tRS-SU
Setup time for (repeated) START condition
4.7
µs
tS-HD
Hold time for (repeated) START condition
4
µs
tD-SU
Data setup time
250
ns
tD-HD
Data hold time
0
900
ns
tSCL-R
Rise time of SCL signal
20 + 0.1CB
1000
ns
tSCL-R1
Rise time of SCL signal after a repeated START condition and after an acknowledge bit
20 + 0.1CB
1000
ns
tSCL-F
Fall time of SCL signal
20 + 0.1CB
1000
ns
tSDA-R
Rise time of SDA signal
20 + 0.1CB
1000
ns
tSDA-F
Fall time of SDA signal
20 + 0.1CB
1000
ns
tP-SU
Setup time for STOP condition
4
µs
7.11 I
2C Bus Timing – Fast
See Figure 21.
MIN
MAX
UNIT
fSCL
SCL clock frequency
400
kHz
tBUF
Bus free time between a STOP and START condition
1.3
µs
tLOW
Low period of the SCL clock
1.3
µs
tHI
High period of the SCL clock
600
ns
tRS-SU
Setup time for (repeated)START condition
600
ns
tRS-HD
Hold time for (repeated)START condition
600
ns
tD-SU
Data setup time
100
ns
tD-HD
Data hold time
0
900
ns
tSCL-R
Rise time of SCL signal
20 + 0.1CB
300
ns
tSCL-R1
Rise time of SCL signal after a repeated START condition and after an acknowledge bit
20 + 0.1CB
300
ns
tSCL-F
Fall time of SCL signal
20 + 0.1CB
300
ns
tSDA-R
Rise time of SDA signal
20 + 0.1CB
300
ns
tSDA-F
Fall time of SDA signal
20 + 0.1CB
300
ns
tP-SU
Setup time for STOP condition
600
ns
tSP
Pulse width of spike suppressed
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com