Electronic Components Datasheet Search
  English  ▼

X  

TAS5782M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5782M
Description  30 W Stereo Class-D Amplifier with 96-kHz Processing
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5782M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5782M Datasheet HTML 9Page - Texas Instruments TAS5782M Datasheet HTML 10Page - Texas Instruments TAS5782M Datasheet HTML 11Page - Texas Instruments TAS5782M Datasheet HTML 12Page - Texas Instruments TAS5782M Datasheet HTML 13Page - Texas Instruments TAS5782M Datasheet HTML 14Page - Texas Instruments TAS5782M Datasheet HTML 15Page - Texas Instruments TAS5782M Datasheet HTML 16Page - Texas Instruments TAS5782M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
13
TAS5782M
www.ti.com
SLASEG8 – MARCH 2017
Product Folder Links: TAS5782M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Free-air room temperature 25°C (unless otherwise noted) Measurements were made using TAS5782MEVM board and Audio
Precision System 2722 with Analog Analyzer filter set to 40 kHz brickwall filter. The device output PWM frequency was set to
768 kHz unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR
Signal-to-noise ratio
(referenced to 0 dBFS input
signal)
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
103
dB
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
102
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
103
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted, –120 dBFS Input
105
THD+NSPK
Total harmonic distortion and
noise
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0.021%
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.022%
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0.02%
VPVDD = 15 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.037%
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0021%
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.028%
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 4 Ω,
PO = 1 W, f = 1kHz
0.027%
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
PO = 1 W, f = 1kHz
0.038%
X-talkSPK
Cross-talk (worst case
between left-to-right and
right-to-left coupling)
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω,
Input Signal 250 mVrms,
1-kHz Sine, across f(S)
–90
dB
VPVDD = 15 V, SPK_GAIN = 26 dBV, RSPK = 8 Ω,
Input Signal 250 mVrms,
1-kHz Sine, across f(S)
–102
VPVDD = 19 V, SPK_GAIN = 26 dBV, RSPK = 8 Ω,
Input Signal 250 mVrms,
1-kHz Sine, across f(S)
–93
VPVDD = 24 V, SPK_GAIN = 26 dBV, RSPK = 8 Ω,
Input Signal 250 mVrms,
1-kHz Sine, across f(S)
–93
SPEAKER AMPLIFIER (MONO PBTL)
|VOS|
Amplifier offset voltage
Measured differentially with zero input data,
SPK_GAIN/FREQ pin configured for 20 dB gain,
VPVDD = 12 V
0.7
mV
Measured differentially with zero input data,
SPK_GAIN/FREQ pin configured for 26 dB gain,
VPVDD = 24 V
4
ICN
Idle channel noise
VPVDD = 12 V, SPK_GAIN = 20 dB, RSPK = 8 Ω, A-
Weighted
48
µVRMS
VPVDD = 15 V, SPK_GAIN = 20 dB, RSPK = 8 Ω,
A-Weighted
49
VPVDD = 19 V, SPK_GAIN = 26 dB, RSPK = 8 Ω,
A-Weighted
83
VPVDD = 24 V, SPK_GAIN = 26 dB, RSPK = 8 Ω, A-
Weighted
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com