Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32F0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 6Page - STMicroelectronics STSPIN32F0 Datasheet HTML 7Page - STMicroelectronics STSPIN32F0 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Electrical characteristics
STSPIN32F0
10/40
DocID029806 Rev 2
VBOOff
VBOUVLO turn-off threshold
VBO falling from 8 V
5.4
5.8
6.2
V
VBOHys
VBO UVLO threshold hysteresis
-
-
0.25
-
V
tsleep
Standby set time
-
-
-
1
µs
DC/DC switching regulator
VM
Input supply voltage
-
8(2)
-45
V
VPWR_OK Power good voltage
-
5.6
6
6.4
V
VDDA
Average output voltage
(3)
3.09
3.3
3.5
V
IDDA
Output current
DC; MCU current
consumption included
--
70
mA
fSW
Maximum SW switching frequency
Open loop, VDDA floating
ISW = 100 mA
-
200
330
kHz
RSWDS(ON) Switch ON resistance
ISW = 200 mA
-
1.4
-
Efficiency
VM = 8 V; IDDA = IDDA,max(3)
-80
-
%
ISW,peak
Peak current threshold
-
-
320
-
mA
IOVC
Latched overcurrent threshold
-
-
1
-
A
tSS
Soft-start time
-
2.5
5
7.5
ms
Linear regulator
VREG12
Linear regulator output and gate
driver supply voltage
VM = 13 ÷ 45 V
IO = 10 mA(4)
11.4
12
12.6
V
VREG12,drop Drop voltage
VM = 8 ÷ 11 V, IO = 10 mA
-
200
400
mV
IREG12,lim Linear regulator current limit
VM = 13 V
20
-
40
mA
Gate drivers
ISI
ISO
Maximum sink/source current
capabilities
TJ = 25 °C
400
600
-
mA
Full temperature range
350
-
-
mA
RPDin
Input lines pull-down resistor
-
30
60
95
k
ton
toff
Input-to-output propagation delay(5)
-10
20
40
ns
MT
Delay matching, HS and LS turn-
on/off(6)
-
-
10
20
ns
RDS_diode Bootstrap diode ON resistance
-
-
120
240
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com