Electronic Components Datasheet Search
  English  ▼

X  

STT3P2UH7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STT3P2UH7
Description  Very low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT3P2UH7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STT3P2UH7 Datasheet HTML 2Page - STMicroelectronics STT3P2UH7 Datasheet HTML 3Page - STMicroelectronics STT3P2UH7 Datasheet HTML 4Page - STMicroelectronics STT3P2UH7 Datasheet HTML 5Page - STMicroelectronics STT3P2UH7 Datasheet HTML 6Page - STMicroelectronics STT3P2UH7 Datasheet HTML 7Page - STMicroelectronics STT3P2UH7 Datasheet HTML 8Page - STMicroelectronics STT3P2UH7 Datasheet HTML 9Page - STMicroelectronics STT3P2UH7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STT3P2UH7
6/13
DocID025027 Rev 3
2.1
Electrical characteristics (curves)
For the P-channel Power MOSFET, current and voltage polarities are reversed.
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
GIPG300920141326MT
ID
10
1
0.1
1
VDS(V)
10
(A)
Ope
rat
ion
in
thi
s ar
ea
is
Li
m
ite
d
by
m
ax
R
DS
(o
n)
1ms
10µs
100µs
0.1
Tj=150°C
Tpcb=25°C
Single pulse
0.01
δ
0.05
0.02
0.01
0.1
0.2
pcb
GIPG011020141520MT
ID
4
2
0
0
1
VGS(V)
(A)
2
1
3
VDS=2V
5
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com