Electronic Components Datasheet Search
  English  ▼

X  

STT3P2UH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT3P2UH7
Description  Very low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT3P2UH7 Datasheet(HTML) 1 Page - STMicroelectronics

  STT3P2UH7 Datasheet HTML 1Page - STMicroelectronics STT3P2UH7 Datasheet HTML 2Page - STMicroelectronics STT3P2UH7 Datasheet HTML 3Page - STMicroelectronics STT3P2UH7 Datasheet HTML 4Page - STMicroelectronics STT3P2UH7 Datasheet HTML 5Page - STMicroelectronics STT3P2UH7 Datasheet HTML 6Page - STMicroelectronics STT3P2UH7 Datasheet HTML 7Page - STMicroelectronics STT3P2UH7 Datasheet HTML 8Page - STMicroelectronics STT3P2UH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2016
DocID025027 Rev 3
1/13
This is information on a product in full production.
www.st.com
STT3P2UH7
P-
channel 20 V, 0.087 Ω typ., 3 A STripFET™ H7
Power MOSFET in a SOT23-6L package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STT3P2UH7
20 V
0.1 Ω @ 4.5
3 A
Very low on-resistance
Very low capacitance and gate charge
High avalanche ruggedness
Applications
Switching applications
Description
This P-channel Power MOSFET utilizes the
STripFET H7 technology with a trench gate
structure combined with extremely low on-
resistance. The device also offers ultra-low
capacitances for higher switching frequency
operations.
Table 1: Device summary
Order code
Marking
Package
Packaging
STT3P2UH7
3L2U
SOT23-6L
Tape and reel
For the P-channel Power MOSFET, current and voltage polarities are reversed.
SOT23-6L


Similar Part No. - STT3P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT3PF20V STMICROELECTRONICS-STT3PF20V Datasheet
333Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET™ II POWER MOSFET
Oct-2002
logo
VBsemi Electronics Co.,...
STT3PF20V VBSEMI-STT3PF20V Datasheet
456Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STT3PF30L STMICROELECTRONICS-STT3PF30L Datasheet
229Kb / 8P
P-CHANNEL 30V - 0.14 ohm - 3A SOT23-6L STripFET™ II POWER MOSFET
Sep-2002
logo
VBsemi Electronics Co.,...
STT3PF30L VBSEMI-STT3PF30L Datasheet
457Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STT3P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
Very low on-resistance
20-Oct-2015
STD64N4F6AG STMICROELECTRONICS-STD64N4F6AG Datasheet
471Kb / 15P
Very low on-resistance
10-Jun-2015
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
Very low on-resistance
March 2014 Rev 2
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
Very low on-resistance
26-Nov-2014
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
Very low on-resistance
05-Dec-2014
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
Very low on-resistance
26-Jun-2015
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
Very low on-resistance
05-Jun-2015
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
Very low on-resistance
03-Nov-2014
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
Very low on-resistance
15-Mar-2016
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
Very low on-resistance
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com