Electronic Components Datasheet Search
  English  ▼

X  

STT7P2UH7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STT7P2UH7
Description  Very low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT7P2UH7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STT7P2UH7 Datasheet HTML 3Page - STMicroelectronics STT7P2UH7 Datasheet HTML 4Page - STMicroelectronics STT7P2UH7 Datasheet HTML 5Page - STMicroelectronics STT7P2UH7 Datasheet HTML 6Page - STMicroelectronics STT7P2UH7 Datasheet HTML 7Page - STMicroelectronics STT7P2UH7 Datasheet HTML 8Page - STMicroelectronics STT7P2UH7 Datasheet HTML 9Page - STMicroelectronics STT7P2UH7 Datasheet HTML 10Page - STMicroelectronics STT7P2UH7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STT7P2UH7
Electrical characteristics
DocID025142 Rev 3
7/13
VSD
1
3
ISD(A)
(V)
2
6
4
5
0.5
0.6
0.7
0.8
TJ=-55°C
TJ=75°C
TJ=25°C
0.9
7
8
GIPG210520141134SA
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage vs
temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs
temperature
Figure 12: Source-drain diode forward characteristics
C
1000
100
0
8
VDS(V)
(pF)
4
12
Ciss
Coss
Crss
16
GIPG210520141108SA
VGS(th)
0.6
0.4
0.2
-75
TJ(°C)
(norm)
0.8
75
-25
125
ID=250µ A
25
1
1.2
1.4
GIPG210520141114SA
RDS(on)
1.4
0.8
0.4
0.0
TJ(°C)
(norm)
0.2
0.6
1.0
1.2
1.6
ID=3.5 A
VGS=4.5V
-75
75
-25
125
25
GIPG290520141553SA
V(BR)DSS
TJ(°C)
(norm)
0.92
0.96
1
1.04
ID=1m A
-75
75
-25
125
25
GIPG210520141132SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com