Electronic Components Datasheet Search
  English  ▼

X  

A5975D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A5975D
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D Datasheet(HTML) 1 Page - STMicroelectronics

  A5975D Datasheet HTML 1Page - STMicroelectronics A5975D Datasheet HTML 2Page - STMicroelectronics A5975D Datasheet HTML 3Page - STMicroelectronics A5975D Datasheet HTML 4Page - STMicroelectronics A5975D Datasheet HTML 5Page - STMicroelectronics A5975D Datasheet HTML 6Page - STMicroelectronics A5975D Datasheet HTML 7Page - STMicroelectronics A5975D Datasheet HTML 8Page - STMicroelectronics A5975D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
April 2011
Doc ID 018760 Rev 1
1/50
50
A5975D
Up to 3 A step-down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (see PPAP for more details)
■ 3 A DC output current
■ Operating input voltage from 4 V to 36 V
■ 3.3 V / (±2%) reference voltage
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100% duty cycle
■ 250 kHz internally fixed frequency
■ Voltage feed-forward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Application
■ Dedicated to automotive applications
Description
The A5975D is a step-down monolithic power
switching regulator with a minimum switch current
limit of 3.75 A, it is therefore able to deliver up to 3
A DC current to the load depending on the
application conditions. The output voltage can be
set from 1.235 V to 35 V. The high current level is
also achieved thanks to a HSOP8 package with
exposed frame, that allows to reduce the RTHJ-A
down to approximately 40 °C/W. The device uses
an internal P-channel DMOS transistor (with a
typical RDS(on) of 250 mΩ) as switching element
to minimize the size of the external components.
An internal oscillator fixes the switching frequency
at 250 kHz. Having a minimum input voltage of
only 4 V, it fits automotive applications requiring
device operation even in cold crank conditions.
Pulse-by-pulse current limit with the internal
frequency modulation offers an effective constant
current short-circuit protection.
HSOP8 - exposed pad
Figure 1.
Application schematic
www.st.com


Similar Part No. - A5975D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
Voltage feed-forward
19-Apr-2011
More results

Similar Description - A5975D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
logo
Texas Instruments
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Texas Instruments
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
STMicroelectronics
L7985 STMICROELECTRONICS-L7985 Datasheet
1Mb / 42P
Voltage feed-forward
05-Sep-2014
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
Voltage feed-forward
19-Apr-2011
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com