Electronic Components Datasheet Search
  English  ▼

X  

AST1S31HF Datasheet(PDF) 7 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 3Page - STMicroelectronics AST1S31HF Datasheet HTML 4Page - STMicroelectronics AST1S31HF Datasheet HTML 5Page - STMicroelectronics AST1S31HF Datasheet HTML 6Page - STMicroelectronics AST1S31HF Datasheet HTML 7Page - STMicroelectronics AST1S31HF Datasheet HTML 8Page - STMicroelectronics AST1S31HF Datasheet HTML 9Page - STMicroelectronics AST1S31HF Datasheet HTML 10Page - STMicroelectronics AST1S31HF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID026968 Rev 2
7/33
AST1S31HF
Electrical characteristics
33
4
Electrical characteristics
TJ = -40 °C to 125 °C, VIN = 4 V, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.
VIN
Operating input voltage range
2.8
4
V
VINON
Turn-on VCC threshold
2.3
2.45
2.6
VINOFF
Turn-off VCC threshold
1.85
2.0
2.15
RDSON-P High-side switch on-resistance
ISW = 300 mA, TJ = 25 °C
70
110
m
ISW = 300 mA
140
RDSON-N Low-side switch on- resistance
ISW = 300 mA, TJ = 25 °C
55
90
m
ISW = 300 mA
110
ILIM
Maximum limiting current
3.6
6.0
A
Oscillator
FSW
Switching frequency
1.75
2.3
2.5
MHz
Dynamic characteristics
VFB
Feedback voltage
ILOAD = 0 A
0.79
0.8
0.81
V
DC characteristics
IQ
Quiescent current
Duty cycle = 0, no load VFB = 1.2 V
630
1200
A
IQST-BY
Total standby quiescent current OFF
1
A
Enable
VEN
EN threshold voltage
Device ON level
1.5
V
Device OFF level
0.5
IEN
EN current
0.1
A
Power Good
PG
PG threshold
929496
%VFB
mV
PG output voltage low
Isink = 6 mA open drain
400
PG rise delay
170
s
Soft-start
TSS
Soft-start duration
400
s
Protection
TSHDN
Thermal shutdown
(1)
150
°C
Hystereris
(1)
20
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com