Electronic Components Datasheet Search
  English  ▼

X  

L6995S Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 1 Page - STMicroelectronics

  L6995S Datasheet HTML 1Page - STMicroelectronics L6995S Datasheet HTML 2Page - STMicroelectronics L6995S Datasheet HTML 3Page - STMicroelectronics L6995S Datasheet HTML 4Page - STMicroelectronics L6995S Datasheet HTML 5Page - STMicroelectronics L6995S Datasheet HTML 6Page - STMicroelectronics L6995S Datasheet HTML 7Page - STMicroelectronics L6995S Datasheet HTML 8Page - STMicroelectronics L6995S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
L6995S
April 2004
1
FEATURES
■
CONSTANT ON TIME TOPOLOGY ALLOWS
OPERATION WITH LOWER DUTY THAN
PWM TOPOLOGY
■
VERY FAST LOAD TRANSIENTS
■
5V Vcc SUPPLY
■
1.5V TO 35V INPUT VOLTAGE RANGE
■
0.9V ±1% VREF
■
MINIMUM OUTPUT VOLTAGE AS LOW AS 0.9V
■
SELECTABLE SINKING MODE
■
LOSSLESS CURRENT LIMIT
■
REMOTE SENSING
■
OVP,UVP LATCHED PROTECTIONS
■
600
µA TYP QUIESCENT CURRENT
■
POWER GOOD AND OVP SIGNALS
■
PULSE SKIPPING AT LIGHT LOADS
2
APPLICATIONS
■
I/O BUS FOR CPU CORE SUPPLY
■
NOTEBOOK COMPUTERS
■
NETWORKING DC-DC
■
DISTRIBUTED POWER
3
DESCRIPTION
The device is a step-down controller specifically de-
signed to provide extremely high efficiency conver-
sion, with losses current sensing tecnique.
The "constant on-time" topology assures fast load
transient response. The embedded "voltage feed-for-
ward" provides nearly constant switching frequency
operation.
An integrator can be introduced in the control loop to
reduce the static output voltage error.
The available remote sensing improve the static and
dynamic regulation recovering the wires voltage
drop. Pulse skipping technique reduces power con-
sumption at light load. Drivers current capability al-
lows output current in excess of 20A.
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL
INPUT-OUTPUT CONVERSION
Figure 2. Minimum Component Count Application
SS
C
C
BOOT
OUT
C
0.9V
Vo
L6995S
35V
Rin2
Rin1
CIN
RILIM
5V
INT
VFB
SS
OSC
BOOT
HGATE
PHASE
LGATE
PGND
GND
NOSKIP
ILIM
VSENSE
VREF
5V
VREF
C
L
BOOT
D
HS
LS
DS
REV. 1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6995S
TSSOP20
L6995STR
Tape & Reel
TSSOP20
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L6995S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6995 STMICROELECTRONICS-L6995 Datasheet
336Kb / 25P
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
Dec-2002
L6995D STMICROELECTRONICS-L6995D Datasheet
336Kb / 25P
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
Dec-2002
L6995DTR STMICROELECTRONICS-L6995DTR Datasheet
336Kb / 25P
STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
Dec-2002
More results

Similar Description - L6995S

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK146 MSK-MSK146_15 Datasheet
246Kb / 8P
Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Richtek Technology Corp...
RT2530Q RICHTEK-RT2530Q Datasheet
141Kb / 10P
Current Limit
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
Output Current Limit
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
Current limit protection
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
Current Limit protection
logo
STMicroelectronics
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
Negative current limit
12-Nov-2010
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
logo
Maxim Integrated Produc...
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com