Electronic Components Datasheet Search
  English  ▼

X  

L6995S Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6995S
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995S Datasheet(HTML) 2 Page - STMicroelectronics

  L6995S Datasheet HTML 1Page - STMicroelectronics L6995S Datasheet HTML 2Page - STMicroelectronics L6995S Datasheet HTML 3Page - STMicroelectronics L6995S Datasheet HTML 4Page - STMicroelectronics L6995S Datasheet HTML 5Page - STMicroelectronics L6995S Datasheet HTML 6Page - STMicroelectronics L6995S Datasheet HTML 7Page - STMicroelectronics L6995S Datasheet HTML 8Page - STMicroelectronics L6995S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6995S
2/26
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Figure 3. Pin Connection (Top View)
Symbol
Parameter
Value
Unit
VCC
VCC to GND
-0.3 to 6
V
VDR
VDR to GND
-0.3 to 6
V
HGATE and BOOT, to PHASE
-0.3 to 6
V
HGATE and BOOT, to PGND
-0.3 to 42
V
VPHASE
PHASE
-0.3-to 36
V
LGATE to PGND
-0.3 to VDR+0.3
V
ILIM, VFB, VSENSE, NOSKIP, SHDN, PGOOD, OVP, VREF,
INT, GNDSENSE to GND
-0.3 to VCC+0.3
V
BOOT, HGATE
and PHASE
PINS
Maximum Withstanding Voltage Range
Test Condition:CDF-AEC-Q100-002 “Human Body Model”
Accepatance Criteria: “Normal Performance”
±750
V
OTHER PINS
±2000
V
Ptot
Power dissipation at Tamb = 25°C
1
W
Tstg
Storage temperature range
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
125
°C/W
Tj
Junction operating temperature range
0 to 125
°C
Table 4. Pin Function
N°
Name
Description
1
NOSKIP
Connect to VCC to force continuous conduction mode and sink mode.
2GNDSE
NSE
Remote ground sensing pin
3
INT
Integrator output. Short this pin to VFB pin and connect it via a capacitor to VOUT to insert the
integrator in the control loop. If the integrator is not used, short this pin to VREF.
4VSENS
E
This pin must be connected to the remote output voltage to detect overvoltage and undervoltage
conditions and to provide integrator feedback input.
GNDSENSE
INT
OVP
SHDN
ILIM
OSC
VCC
NOSKIP
PGOOD
LGATE
PGND
VDR
PHASE
HGATE
BOOT
1
3
2
4
5
6
7
8
9
18
17
16
15
14
13
19
20
10
SS
GND
11
12
VREF
VFB
TSSOP20
INT
VSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com