Electronic Components Datasheet Search
  English  ▼

X  

VV5404 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 24Page - STMicroelectronics VV5404 Datasheet HTML 25Page - STMicroelectronics VV5404 Datasheet HTML 26Page - STMicroelectronics VV5404 Datasheet HTML 27Page - STMicroelectronics VV5404 Datasheet HTML 28Page - STMicroelectronics VV5404 Datasheet HTML 29Page - STMicroelectronics VV5404 Datasheet HTML 30Page - STMicroelectronics VV5404 Datasheet HTML 31Page - STMicroelectronics VV5404 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
28/54
5.4
Message Interpretation
All serial interface communications with the sensor must begin with a start condition. If the start condition is followed
by a valid address byte then further communications can take place. The sensor will acknowledge the receipt of a
valid address by driving the sda wire low. The state of the read/~write bit (lsb of the address byte) is stored and the
next byte of data, sampled from sda, can be interpreted.
During a write sequence the second byte received is an address index and is used to point to one of the internal
registers. The msbit of the following byte is the index auto increment flag. If this flag is set then the serial interface will
automatically increment the index address by one location after each slave acknowledge. The master can therefore
send data bytes continuously to the slave until the slave fails to provide an acknowledge or the master terminates the
write communication with a stop condition or sends a repeated start, (Sr). If the auto increment feature is used the
master does not have to send indexes to accompany the data bytes.
As data is received by the slave it is written bit by bit to a serial/parallel register. After each data byte has been
received by the slave, an acknowledge is generated, the data is then stored in the internal register addressed by the
current index.
During a read message, the current index is read out in the byte following the device address byte. The next byte read
from the slave device are the contents of the register addressed by the current index. The contents of this register
are then parallel loaded into the serial/parallel register and clocked out of the device by scl.
At the end of each byte, in both read and write message sequences, an acknowledge is issued by the receiving
device. Although VV5404 and VV6404 is always considered to be a slave device, it acts as a transmitter when the
bus master requests a read from the sensor.
At the end of a sequence of incremental reads or writes, the terminal index value in the register will be one greater
the last location read from or written to. A subsequent read will use this index to begin retrieving data from the internal
registers.
A message can only be terminated by the bus master, either by issuing a stop condition, a repeated start condition
or by a negative acknowledge after reading a complete byte during a read operation.
S
address[7:1]
R/
W bit
A
DATA[7:0]
A
Sensor acknowledges valid address
Acknowledge from slave
INDEX[6:0]
INC
P
A
A
DATA[7:0]
[0]
0 0 1 0 0 0 0
address
Auto increment
Index bit
Figure 18 : Serial Interface Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com