Electronic Components Datasheet Search
  English  ▼

X  

VV5404 Datasheet(PDF) 48 Page - STMicroelectronics

Part # VV5404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 44Page - STMicroelectronics VV5404 Datasheet HTML 45Page - STMicroelectronics VV5404 Datasheet HTML 46Page - STMicroelectronics VV5404 Datasheet HTML 47Page - STMicroelectronics VV5404 Datasheet HTML 48Page - STMicroelectronics VV5404 Datasheet HTML 49Page - STMicroelectronics VV5404 Datasheet HTML 50Page - STMicroelectronics VV5404 Datasheet HTML 51Page - STMicroelectronics VV5404 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
48/54
Pin
Name
Type
Description
DIGITAL CONTROL SIGNALS
18
SCE
ID
Test Pin
15
SIN
ID
Frame timing reset (soft reset).
16
RESETB
ID
System Reset. Active Low.
SERIAL INTERFACE
42
SCL
ID
Serial bus clock (input only).
41
SDA
BI
Serial bus data (bidirectional, open drain).
DIGITAL VIDEO INTERFACE
39
38
35
34
D[3]
D[2]
D[1]
D[0]]
ODT
Tristateable 4-wire output data bus. D[3] is the most significant bit.
33
QCK
ODT
Tristateable data qualification clock.
40
FST
ODT
Tristateable Frame start signal.
17
OEB
ID
Digital output (tristate) enable.
SYSTEM CLOCKS
31
CLKI
ID
Oscillator input.
32
CLKO
OD
Oscillator output.
Key
A
Analogue Input
D
Digital Input
OA
Analogue Output
ID
Digital input with internal pull-up
BI
Bidirectional
ID
Digital input with internal pull-down
BI
Bidirectional with internal pull-up
OD
Digital Output
BI
Bidirectional with internal pull-down
ODT
Tristateable Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com