Electronic Components Datasheet Search
  English  ▼

X  

VSC7927X Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7927X
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7927X Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7927X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7927
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 4
G52201-0, Rev 3.0
04/05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Calculation of the Maximum Case Temperature
The VSC7927 is designed to operate with a maximum junction temperature of 125°C. The rise from the
case to junction is determined by the power dissipation of the device. The power dissipation is determined by
the VSS current plus the operating IMOD and IBIAS currents.
The power of the chip is determined by the following formula:
PD = (-VSS * ISS) + ((VIOUT – VSS) * IMOD) + ((VIBIAS – VSS) * IBIAS)
For example with:
VSS
=-5.2V
IMOD
=40mA
IBIAS
=20mA
VIBIAS =-2.0V
VIOUT
=-2.0V
PD
=
(-5.2 * 150mA) + ((5.2 - 2.0) * 40mA) + ((5.2-- 2.0) * 20mA)
PD
=
780mW + 128mW + 64mW = 972mW
The thermal rise from junction-to-case is
θ
JC * PD. For the ceramic package, θJCP = 25°C/W. Thus the ther-
mal rise is:
25°C/W * 972W = 24.3°C
The maximum case temperature is:
125°C – 24.3°C = 100.7°C
The absolute maximum power dissipation of the device is at:
VSS
=-5.5V
IMOD
=60mA
IBIAS
=50mA
VIBIAS
=0V
VIOUT
=0V
PD
=
(5.5 * 150mA) + (5.5 * 60mA) + (5.5mA * 50mA)
PD
=
1.43W
This will net a maximum junction to case thermal rise of: 1.43W * 25°C/W = 35.8°C
This situation will allow maximum case temperature of: 35.8°C – 58°C = 89.2°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com