Electronic Components Datasheet Search
  English  ▼

X  

VSC7927X Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7927X
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7927X Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7927X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7927X Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7927
SONET/SDH 2.5Gb/s Laser Diode Driver
Page 2
G52201-0, Rev 3.0
04/05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 1: Signal Pin Reference
Table 2: Mux Select Logic Table
Table 3: Absolute Maximum Ratings
Table 4: Recommended Operating Conditions
NOTES: (1) Lower limit of specification is ambient temperature and upper limit is case temperature. (2) See section “Calculation of the
Maximum Case Temperature” for detailed maximum temperature calculations.
Signal
Type
Level
# Pins
Description
DIN, NDIN
In
ECL
2
Data Input and Data Reference, On-chip 50
Ω Termination
MK, NMK
Out
ECL
2
Data Density Differential Outputs
NIOUT
Out
—
1
Laser Modulation Current Output (Complementary)
IOUT
Out
—
1
Laser Modulation Current Output (to Laser Cathode)
VSS
Pwr
Pwr
2
Negative Voltage Rail
GND
Pwr
Pwr
5
Positive Voltage Rail
VIP
In
DC
1
Modulation Gate Node
MIP
In
DC
1
Modulation Source Node
VIB
In
DC
1
Bias Gate Node
MIB
In
DC
1
Bias Source Node
IBIAS
Out
DC
1
Laser Bias Output (To Laser Cathode)
CLK, NCLK
In
ECL
2
Clock Input and Clock Reference, On-chip 50
Ω Termination
DINTERM
In
DC
1
Data Reference
CLKTERM
In
DC
1
Clock Reference
DCC
In
DC
1
Duty Cycle Control, Leave Floating
SEL
In
DC
1
Clk/Non-clk Data Select
Total Pins
——
24
SEL
Mode Select
VSS
Clocked Data In
GND
Non-clocked Data In
N/C
Non-clocked Data In
Symbol
Rating
Limit
VSS
Negative Power Supply Voltage
VCC to -6.0V
TJ
Maximum Junction Temperature
-55°C to + 125°C
TSTG
Storage Temperature
-65°C to +150°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
GND
Positive Voltage Rail
—
0
—
V
VSS
Negative Voltage Rail
-5.5
-5.2
-4.9
V
TCl
Operational Temperature(1)
-40
—
85(2)
°C
Power dissipation = 1.3W
TJ
Junction Temperature
——
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com