Electronic Components Datasheet Search
  English  ▼

X  

UM0240 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 6Page - STMicroelectronics UM0240 Datasheet HTML 7Page - STMicroelectronics UM0240 Datasheet HTML 8Page - STMicroelectronics UM0240 Datasheet HTML 9Page - STMicroelectronics UM0240 Datasheet HTML 10Page - STMicroelectronics UM0240 Datasheet HTML 11Page - STMicroelectronics UM0240 Datasheet HTML 12Page - STMicroelectronics UM0240 Datasheet HTML 13Page - STMicroelectronics UM0240 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Power supply
UM0240
10/39
Figure 3.
Power supplies PCB area
2.1
Main power supply (VDD)
The main power supply system of Industrial Com Board consists of a DC-DC switching
converter based on step-down regulator L5973 from ST. The switching regulator is designed
to provide 5V (VDD) stabilized on the output with an input range 5V ÷ 35V and it can be
assembled in the two following configurations:
●
Buck: referring to Figure 1, the N-MOS M1 is removed and the diode D9 is replaced
with a short
●
Buck-Boost (not optimized)
2.2
MCU Flash programming (VPP)
A second power supply is implemented in the Industrial board, in order to provide the 12V
voltage supply required by the microcontroller during the In-Application Programming (IAP)
of the embedded Flash memory.
This power supply consists in a charge pump DC-DC regulator implemented by the ST
device ST662A, which is a step-up converter designed for the Flash memory programming.
Note that the charge pump converter is itself supplied by the switching regulator output VDD.
The device can be shut down through line PD3 of the microcontroller, in order to reduce
power consumption and noise when IAP is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com