Electronic Components Datasheet Search
  English  ▼

X  

UM0240 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 31Page - STMicroelectronics UM0240 Datasheet HTML 32Page - STMicroelectronics UM0240 Datasheet HTML 33Page - STMicroelectronics UM0240 Datasheet HTML 34Page - STMicroelectronics UM0240 Datasheet HTML 35Page - STMicroelectronics UM0240 Datasheet HTML 36Page - STMicroelectronics UM0240 Datasheet HTML 37Page - STMicroelectronics UM0240 Datasheet HTML 38Page - STMicroelectronics UM0240 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Appendix
UM0240
36/39
1
C31
Ceramic Capacitor 22nF 50V
0603
2
C8, C14
Ceramic Capacitor 47pF 50V
0603
4
C9, C17, C26, C33
Tantalum Capacitor 4,7uF 16V
3528
1
C20
Tantalum Capacitor 10uF 16V
3528
3
C22, C24, C36
Ceramic Capacitor 1uF 16V
0805
2
C25, C27
Ceramic Capacitor 220nF 16V
0805
1
C28
Electrolytic Capacitor 10uF 50V P.2,54
THT
1
C32
Tantalum Capacitor 100uF 16V
7243
1
C34
Ceramic Capacitor 220pF 50V
0603
1
DL4
Red Led Diode
0603
2
DL2, D11
Green Led Diode
0603
1
DL1
Orange Led Diode
0603
1
DL3
Yellow Led Diode
0603
6
D6:D8, D10, D12, D13
Diode STPS340U
SMB
1
D9
Diode STPS340U (Not Equipped, Shorted)
SMB
2
D14, D15
Diode BAT47
DO35
1
D16
Diode BZX284C7V5
SOT23
1JP2
Open
1
JP3
Closed 2-3
1
JP4, JP5
Closed
1
J6
50 pins Male Connector ERNI SMC-B
SMT
1
J7
Male Connector Flat 17x2
1
J8
Male Connector Flat 5x2
1
J9
Power Supply 2,5mm Jack Connector
1
J10
RS232 Female Connector with Grounded Shield
1
J11
Jumper 2X1
1
L1
Inductor 15uH D03316P COILCRAFT
1
M1
Mosfet STSJ25NF3LL (Not Equipped)
SO8
4
R1, R2, R6, R24
Resistance 560R 1%
0603
1
R3
Resistance 680R 1%
0603
4
R4, R5, R7, R11
Resistance 100K 1%
0603
2
R8, R25
Resistance 4K7 1%
0603
1
R9
Resistance 0R 1%
0603
1
R28
Resistance 0R 1% (Not Equipped)
0603
2
R10, R16
Resistance 33K 1%
0603
Table 8.
Bil of materials (continued)
Qty
Reference
Description
Pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com