| Electronic Components Datasheet Search |
|
UM1467 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1467 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 46 page ![]() Description of the firmware package UM1467 7/46 Doc ID 022172 Rev 1 clock source, PLL multiplier and divider factors, AHB/APBx prescalers and Flash settings. This function is called at startup just after reset and before connecting to the main program. The call is made inside the startup_stm32f4xx.s file. – startup_stm32f4xx.s: Provides the Cortex-M4F startup code and interrupt vectors for all STM32F4xx device interrupt handlers. 3.1.2 STM32_USB_Device_Library subfolder This subfolder contains USB Device Library Core and the class drivers. The Core folder contains the USB Device library machines as defined by the revision 2.0 Universal Serial Bus Specification. The Class folder contains all the files relative to the Device class implementation. It is compliant with the specification of the protocol built in these classes. 3.1.3 STM32_USB_HOST_Library subfolder This subfolder contains USB Host Library Core and the class drivers. The Core folder contains the USB Host library machines as defined by the revision 2.0 Universal Serial Bus Specification. The Class folder contains all the files relative to the Host class implementation. It is compliant with the specification of the protocol built in these classes. 3.1.4 STM32_USB_OTG_Driver subfolder This subfolder contains the low level drivers for STM32F4xx USB HS and FS cores. It provides an hardware abstraction layer, USB communication operations and interfaces used by the high level Host and Device Libraries to access the core. 3.1.5 STM32F4xx_StdPeriph_Driver subfolder This subfolder contains sources of STM32F4xx peripheral drivers (excluding USB and Ethernet). Each driver consists of a set of routines and data structures covering all peripheral functionalities. The development of each driver is driven by a common API (application programming interface) which standardizes the driver structure, the functions and the parameter names. Each peripheral has a source code file, stm32f4xx_ppp.c, and a header file, stm32f4xx_ppp.h. The stm32f4xx_ppp.c file contains all the firmware functions required to use the PPP peripheral. 3.2 Project folder This folder contains the source files of the STM32F4DISCOVERY firmware applications. 3.2.1 Demonstration subfolder This subfolder contains the demonstration source files with preconfigured project for EWARM, MDK-ARM, TrueSTUDIO and TASKING toolchains. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |