Electronic Components Datasheet Search
  English  ▼

X  

UM1467 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1467
Description  Getting started with software and firmware environments for the STM32F4DISCOVERY Kit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1467 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1467 Datasheet HTML 5Page - STMicroelectronics UM1467 Datasheet HTML 6Page - STMicroelectronics UM1467 Datasheet HTML 7Page - STMicroelectronics UM1467 Datasheet HTML 8Page - STMicroelectronics UM1467 Datasheet HTML 9Page - STMicroelectronics UM1467 Datasheet HTML 10Page - STMicroelectronics UM1467 Datasheet HTML 11Page - STMicroelectronics UM1467 Datasheet HTML 12Page - STMicroelectronics UM1467 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Binary images for reprogramming firmware applications
UM1467
9/46
Doc ID 022172 Rev 1
4
Binary images for reprogramming firmware
applications
This section describes how to use the provided binary images to reprogram the firmware
applications. The STM32F4DISCOVERY firmware package contains binary images (*.hex
and *.dfu) of the provided applications which allow to use the STM32F4xx's embedded
Bootloader or any in-system programming tool to reprogram these applications easily.
Below are the steps to follow:
●
Using “in-system programming tool”
–
Connect the STM32F4DISCOVERY board to a PC with a 'USB type A to Mini-B'
cable through USB connector CN1 to power the board.
–
Make sure that the embedded ST-LINK/V2 is configured for in-system
programming (both CN3 jumpers ON).
–
Use *.hex binary (for example,
\Project\Demonstration\Binary\STM32F4-Discovery_Demonstration_V1.0.0.hex)
with your preferred in-system programming tool to reprogram the demonstration
firmware (ex. STM32 ST-LINK Utility, available for download from www.st.com).
●
Using “Bootloader (USB FS Device in DFU mode)”
–
Configure the STM32F4DISCOVERY board to boot from “System Memory” (boot
pins BOOT0:1 / BOOT1:0)
–
Set BOOT0 pin to high level: on the male header P2 place a jumper between
BOOT0 pin and VDD pin
–
Set BOOT1(PB2) pin to low level: on the male header P1 place a jumper between
PB2 pin and GND pin
–
Connect a 'USB type A to Mini-B' cable between PC and USB connector CN1 to
power the board.
–
Connect a 'USB type A to Micro-B' cable between PC and USB connector CN5,
the board will be detected as USB device.
–
Use *.dfu binary (for example,
\Project\Demonstration\Binary\STM32F4-Discovery_Demonstration_V1.0.0.dfu)
with “DFUse\DFUse Demonstration" tool (available for download from
www.st.com) to reprogram the demonstration firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com