Electronic Components Datasheet Search
  English  ▼

X  

UM1574 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 26Page - STMicroelectronics UM1574 Datasheet HTML 27Page - STMicroelectronics UM1574 Datasheet HTML 28Page - STMicroelectronics UM1574 Datasheet HTML 29Page - STMicroelectronics UM1574 Datasheet HTML 30Page - STMicroelectronics UM1574 Datasheet HTML 31Page - STMicroelectronics UM1574 Datasheet HTML 32Page - STMicroelectronics UM1574 Datasheet HTML 33Page - STMicroelectronics UM1574 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Hardware and layout
UM1574
30/48
Doc ID 023645 Rev 1
The measurement timing is given in Figure 17. In Low power modes, the 2 Kresistor is
connected when the U5 switch goes off after entering Low power mode. The Q13 output of
the counter allows connection of the 2 Kresistor when the current IDD becomes very low.
Figure 17 shows how the counter and U5 ensure that, 150 ms after IDD_CNT_EN falling
edge, the shunt resistor R24 is connected between VDD_MCU and the power supply in
order to reduce the measurement range to 30 µA full scale (instead of 30 mA in Run mode).
Then after another 150 ms for current stabilization, R24 is shorted, the IDD measurement is
stored in C14, and the MCU is woken up. After wakeup, the MCU can measure the IDD
current corresponding to the Low power mode stored in C14.
Figure 17.
STM8AL board IDD Low power mode measurement timing diagram
●
Ibias current measurement procedure
In Low power mode the bias current of operational amplifier input (U8 pin 4) is not negligible
compared to IDD current (typical Ibias is ~240 nA). To obtain a reliable STM8AL3L68T IDD
measurement, it is mandatory to subtract the bias current from the IDD low power
measurement since MCU is not sinking the current. Ibias is measured during production test
and stored in the MCU EPROM. The demonstration software, Discover, uses this value to
display the correct IDD. The Ibias measurement procedure is part of the demonstration
software and can be launched if required.
The procedure for Ibias measurement (implemented in the package demo) is:
1.
Power off the board (disconnect the USB cable).
2.
Set jumper JP2 to OFF position (pins 1 and 2).
3.
Push down USER2 button while powering on the board from the USB.
4.
Wait at least 1 second before releasing USER2, the LCD displays the Ibias
measurement.
5.
Power off the board (disconnect the USB cable).
6.
Set jumper JP2 to ON position (pins 2 and 3). The Ibias value is now stored. The bias
current is then subtracted from the IDD measurement performed in Low power mode.
MCU mode
Run
Low power
Wake-up
Clear CNT
IDD_CNT_EN
Q13 = LOW_POWER_EN
Q14 = IDD_WAKEUP
Q14n = U4 pin 4
0ms
150 ms
300 ms
event
event
Wake-up
period
IDD
measurement
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com