Electronic Components Datasheet Search
  English  ▼

X  

UM1574 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 38Page - STMicroelectronics UM1574 Datasheet HTML 39Page - STMicroelectronics UM1574 Datasheet HTML 40Page - STMicroelectronics UM1574 Datasheet HTML 41Page - STMicroelectronics UM1574 Datasheet HTML 42Page - STMicroelectronics UM1574 Datasheet HTML 43Page - STMicroelectronics UM1574 Datasheet HTML 44Page - STMicroelectronics UM1574 Datasheet HTML 45Page - STMicroelectronics UM1574 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Figure 26.
STM8AL board ST-LINK/V2 (SWIM only)
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.0(PCB.SCH)
Date:10/3/2012
C7
20pF
C8
20pF
1
2
X1
8MHz
3V
USB_DM
USB_DP
STM_RST
T_JTCK
T_JTMS
STM_JTMS
OSC_IN
OSC_OUT
R20
4K7
R19
4K7
AIN_1
C10
100nF
R16
100K
R6
100K
3V
3V
3V
MB1037
2
6
STM8AL BOARD ST-LINK/V2 (SWIM only)
USB_DM
USB_DP
3V
R9
1K5
USB
R8
100K
VCC
1
D-
2
D+
3
ID
4
GND
5
SHELL
0
CN1
5075BMR-05-SM
USB5V
COM
3V
R2
820
PWR
LD2
RED
C9
100nF
C12
100nF
C6
100nF
C13
100nF
3V
VBAT
1
PC13
2
PA12
33
PC14
3
PC15
4
JTMS/SWDIO
34
OSCIN
5
OSCOUT
6
VSS_2
35
NRST
7
VSSA
8
VDD_2
36
VDDA
9
PA0
10
PA1
11
PA2
12
PB12
25
PB13
26
PB14
27
PB15
28
PA8
29
PA9
30
PA10
31
PA11
32
U3
STM32F103C8T6
Board Ident: PC13=0
SWIM
3V
1
2
3
4
CN2
STM_JTMS
STM_JTCK
3V
T_SWDIO_IN
T_SWO
LED_STLINK
LED_STLINK
3V
R4
510
R3
510
R1
0
Red
_Green
2
1
3
4
LD1
LD_BICOLOR_CMS
R15
10K
R12
10K
Not Fitted
MCO
C4
1μF_X5R_0603
C3
10nF_X7R_0603
C1
1μF_X5R_0603
C5
100nF
C2
100nF
MCO
Not Fitted
R17
100
SB2
RC Must be very close to STM32F103 pin 29
5
1
GND
3
BYPASS
INH
Vin
Vout
U1
LD3985M33R
R18
100
C11
20pF
JP1
TX
RX
STLINK_RX
Not Fitted
SB5
SB4
PC3
PC2
STM8AL_USART_TX
STM8AL_USART_RX
Close to JP
Not Fitted
NRST
ST_LINK_SWIM
SWIM
SWIM_RST
SWIM_IN
SWIM_RST_IN
R14
220
R13
220
R7
47
R21
47
R5
680
ST_LINK_SWIM
STM8AF_RESET
U2
ESDA5V3L
5V
D1
BAT60JFILM
SB1
PWR
D2
BAT60JFILM
USB5V
3V3
PWR_STM8
C31
1μF_X5R_0603
C32
10nF_X7R_0603
C28
1μF_X5R_0603
C30
100nF
C29
100nF
5
1
GND
3
BYPASS
INH
Vin
Vout
U11
LD3985M33R
5V
3V3
3V3
R11
0
R10
0
D3
BAT60JFILM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com