Electronic Components Datasheet Search
  English  ▼

X  

UM1766 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1766
Description  Getting started with STM32CubeF3 for STM32F3 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1766 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1766 Datasheet HTML 5Page - STMicroelectronics UM1766 Datasheet HTML 6Page - STMicroelectronics UM1766 Datasheet HTML 7Page - STMicroelectronics UM1766 Datasheet HTML 8Page - STMicroelectronics UM1766 Datasheet HTML 9Page - STMicroelectronics UM1766 Datasheet HTML 10Page - STMicroelectronics UM1766 Datasheet HTML 11Page - STMicroelectronics UM1766 Datasheet HTML 12Page - STMicroelectronics UM1766 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
STM32CubeF3 architecture overview
UM1766
9/29
DocID026352 Rev 8
2.1.1
Board Support Package (BSP)
This layer offers a set of APIs relative to the hardware components in the hardware boards
(such as LCD, Audio, microSD, MEMS drivers). It is composed of two parts:
•
Component
This is the driver relative to the external device on the board and not related to the
STM32. The component driver provides specific APIs to the BSP driver external
components and can be portable on any other board.
•
BSP driver
It permits to link the component driver to a specific board and provides a set of friendly
used APIs. The APIs naming rule is BSP_FUNCT_Action().
Example: BSP_LED_Init(),BSP_LED_On()
The BSP is based on a modular architecture allowing an easy porting on any hardware
by implementing the low level routines.
2.1.2
Hardware Abstraction Layer (HAL) and Low Layer (LL)
The STM32CubeF3 HAL and LL are complementary and cover a wide range of applications
requirements.
•
The HAL drivers offer high-level function-oriented highly-portable APIs. They hide the
MCU and peripheral complexity to end user.
The HAL drivers provide generic multi-instance feature-oriented APIs which simplify
user application implementation by providing ready to use process. As example, for the
communication peripherals (I2S, UART…), it provides APIs allowing initializing and
configuring the peripheral, managing data transfer based on polling, interrupt or DMA
process, and handling communication errors that may raise during communication.
The HAL driver APIs are split in two categories:
–
Generic APIs providing common and generic functions to all the STM32 Series
–
Extension APIs, which provide specific and customized functions for a specific
family or a specific part number.
•
The Low Layer APIs provide low-level APIs at register level, with better optimization but
less portability. They require a deep knowledge of MCU and peripheral specifications.
The LL drivers are designed to offer a fast light-weight expert-oriented layer that is
closer to the hardware than the HAL. Contrary to the HAL, LL APIs are not provided for
peripherals where optimized access is not a key feature, or for those requiring heavy
software configuration and/or complex upper-level stack (such as USB).
The LL drivers feature:
–
A set of functions to initialize peripheral main features according to the parameters
specified in data structures
–
A set of functions used to fill initialization data structures with the reset values
corresponding to each field
–
Function for peripheral de-initialization (peripheral registers restored to their
default values)
–
A set of in-line functions for direct and atomic register access
–
Full independence from HAL and capability to be used in standalone mode
(without HAL drivers)
–
Full coverage of the supported peripheral features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com