Electronic Components Datasheet Search
  English  ▼

X  

UM1766 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1766
Description  Getting started with STM32CubeF3 for STM32F3 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1766 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1766 Datasheet HTML 21Page - STMicroelectronics UM1766 Datasheet HTML 22Page - STMicroelectronics UM1766 Datasheet HTML 23Page - STMicroelectronics UM1766 Datasheet HTML 24Page - STMicroelectronics UM1766 Datasheet HTML 25Page - STMicroelectronics UM1766 Datasheet HTML 26Page - STMicroelectronics UM1766 Datasheet HTML 27Page - STMicroelectronics UM1766 Datasheet HTML 28Page - STMicroelectronics UM1766 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
FAQs
UM1766
25/29
DocID026352 Rev 8
5.5
Does the HAL take benefit from interrupts or DMA?
How can this be controlled?
Yes. The HAL supports three API programming models: polling, interrupt and DMA (with or
without interrupt generation).
5.6
How are the product/peripheral specific features managed?
The HAL offers extended APIs, that is, specific functions as add-ons to the common API to
support features available on some products/lines only.
5.7
How can STM32CubeMX generate code based on embedded
software?
STM32CubeMX has a built-in knowledge of STM32 microcontrollers, including their
peripherals and software. This enables the tool to provide a graphical representation to the
user and generate *.h/*.c files based on the user configuration.
5.8
How can the user get regular updates on the latest
STM32CubeF3 firmware releases?
The STM32CubeF3 firmware package comes with an updater utility, STM32CubeUpdater,
that can be configured for automatic or on-demand checks for new firmware package
updates (new releases or/and patches).
STM32CubeUpdater is also integrated within the STM32CubeMX tool. When using this tool
for STM32F3 configuration and initialization C code generation, the user can benefit from
STM32CubeMX self-updates as well as STM32CubeF3 firmware package updates.
For more details, refer to Section 4.4.
5.9
When to use HAL versus LL drivers?
HAL drivers offer high-level and function-oriented APIs, with a high level of portability.
Product/IPs complexity is hidden for end users.
LL drivers offer low-level APIs at registers level, with a better optimization but less
portability. They require a deep knowledge of product/IPs specifications.
5.10
How can the user include LL drivers in his/her environment?
Is there any LL configuration file as for HAL?
There is no configuration file. Source code shall directly include the necessary
stm32f3xx_ll_ppp.h file(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com