Electronic Components Datasheet Search
  English  ▼

X  

XC6201 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6201
Description  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6201 Datasheet HTML 10Page - Torex Semiconductor XC6201 Datasheet HTML 11Page - Torex Semiconductor XC6201 Datasheet HTML 12Page - Torex Semiconductor XC6201 Datasheet HTML 13Page - Torex Semiconductor XC6201 Datasheet HTML 14Page - Torex Semiconductor XC6201 Datasheet HTML 15Page - Torex Semiconductor XC6201 Datasheet HTML 16Page - Torex Semiconductor XC6201 Datasheet HTML 17Page - Torex Semiconductor XC6201 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
XC6201 Series
198
3
XC6201P502
4.2
4.4
4.8
4.8
5.0
5.2
4.5
5.0
5.5
Input Voltage:VIN(V)
IOUT=0mA
1mA
10mA
40mA
CIN=CL=1.0
µF(tantalum)
XC6201P502
4.70
4.80
4.90
5.00
5.10
5.20
67
8
9
10
Input Voltage:VIN(V)
CIN=CL=1.0
µF(tantalum)
IOUT=0mA
1mA
10mA
40mA
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
03S_01XC6201 02.9.12 2:35 PM ページ 198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com