Electronic Components Datasheet Search
  English  ▼

X  

XC6201 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC6201
Description  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC6201 Datasheet HTML 14Page - Torex Semiconductor XC6201 Datasheet HTML 15Page - Torex Semiconductor XC6201 Datasheet HTML 16Page - Torex Semiconductor XC6201 Datasheet HTML 17Page - Torex Semiconductor XC6201 Datasheet HTML 18Page - Torex Semiconductor XC6201 Datasheet HTML 19Page - Torex Semiconductor XC6201 Datasheet HTML 20Page - Torex Semiconductor XC6201 Datasheet HTML 21Page - Torex Semiconductor XC6201 Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
XC6201 Series
206
3
(9) RIPPLE REJECTION RATE
(10) OUTPUT NOISE DENSITY
XC6201P272
0
10
20
30
40
50
60
0.01
0.1
1
10
Ripple Frequency:f (kHz)
VIN=3.7VDC+1.0Vp-pAC
IOUT=40mA, CL=1.0
µF(tantalum)
XC6201P332
0
10
20
30
40
50
60
0.01
0.1
1
10
Ripple Frequency:f (kHz)
VIN=4.3VDC+1.0Vp-pAC
IOUT=40mA, CL=1.0
µF(tantalum)
XC6201P502
0
10
20
30
40
50
60
0.01
0.1
1
10
Ripple Frequency:f (kHz)
VIN=6.0VDC+1.0Vp-pAC
IOUT=40mA, CL=1.0
µF(tantalum)
XC6201P302
0.01
0.1
1
10
0.1
1
10
100
Frequency:f(kHz)
VIN=4.0V
IOUT=40mA, CL=1.0
µF(tantalum)
0
10
20
30
40
50
60
0.01
0.1
1
10
XC6201P132
Ripple Frequency:f (kHz)
VIN=2.3VDC+1.0Vp-pAC
IOUT=40mA, CL=2.2
µF(tantalum)
0
10
20
30
40
50
60
0.01
0.1
1
10
XC6201P182
Ripple Frequency:f (kHz)
VIN=2.8VDC+1.0Vp-pAC
IOUT=40mA, CL=1.0
µF(tantalum)
03S_01XC6201 02.9.12 2:35 PM ページ 206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com