Electronic Components Datasheet Search
  English  ▼

X  

UM1871 Datasheet(PDF) 55 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 51Page - STMicroelectronics UM1871 Datasheet HTML 52Page - STMicroelectronics UM1871 Datasheet HTML 53Page - STMicroelectronics UM1871 Datasheet HTML 54Page - STMicroelectronics UM1871 Datasheet HTML 55Page - STMicroelectronics UM1871 Datasheet HTML 56Page - STMicroelectronics UM1871 Datasheet HTML 57Page - STMicroelectronics UM1871 Datasheet HTML 58Page - STMicroelectronics UM1871 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Figure 28. Camera connector
D9
D1
D7
D5
D11
D3
D8
D10
D6
D2
D4
D0
D3
D5
D7
D9
D1
D11
D0
D2
D4
D6
D8
D10
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
I2C4_SCL_C
I2C4_SDA
MFX_IO10
VSYNC
MFX_IO11
MFX_IO12
EXT_RESET
HSYNC
PIXCLK
I2C4_SCL
I2C4_SCL_C
I2C4_SDA_C
I2C4_SDA_C
I2C4_SDA
I2C4_SCL
+1V8
+1V8
+2V8
+1V8
+3V3
+2V8
+5V
+2V8
+3V3
TP5
5001
25
15
9
29
38
28
14
20
1
2
3
4
OUT
OE
VCC
GND
Y1
SM7745HEX-24.0M
.
G
D
S
T1
BSN20
3
G
D
S
T2
BSN20
17
33
4
26
5
19
TP1
5001
.
2
8
6
39
31
36
34
10
22
7
2
3
8
30
32
R125
2.2K
R4
10K
.
R29
10K
.
5
4
R19
4.7K
.
18
21
35
12
23
11
1
CN1
SSM-104-L-DH
6
40
16
13
1
CN5
CLM-120-02-L-D
37
24
7
27
R119
10K
.
R5
4.7K
.
SB8
CLOSE 0R
SB9
CLOSE 0R
R126
2.2K
R120
10K
.
TP4
5001 .
TP3
5001
.
C144
100nF
C136
100nF
.
C137
100nF
.
C143
100nF
FROM MFX
TO MFX
15
PA6
FROM MFX
Camera_PLUG
XSDN
PA4
PB8
PD13
PD12
PB7
PB9
PB6
PD2
PC8
17
PC9
STM32446E-EVAL
PC12
PC11
RST1
PC6
PC7
PD6
CAMERA_CONNECTOR
CAMERA CONNNECTOR
PC10
EXTRF E2P Connector
11/03/15
NOT FITTED
B-02
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com