Electronic Components Datasheet Search
  English  ▼

X  

UM1871 Datasheet(PDF) 51 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics UM1871 Datasheet HTML 51Page - STMicroelectronics UM1871 Datasheet HTML 52Page - STMicroelectronics UM1871 Datasheet HTML 53Page - STMicroelectronics UM1871 Datasheet HTML 54Page - STMicroelectronics UM1871 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Figure 24. Memory
FMC_A[0-12]
FMC_D[0-15]
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
FMC_BA1
FMC_BA0
FMC_SDNE0
FMC_SDNRAS
FMC_SDNCAS
FMC_SDNWE
FMC_NBL0
FMC_NBL1
FMC_SDCKE0
QSPI_BK1_IO2
QSPI_BK1_NCS
QSPI_BK1_IO1
QSPI_BK1_IO3
QSPI_CLK
QSPI_BK1_IO0
FMC_SDCLK
+3V3
+3V3
+3V3
+3V3
.
.
.
.
.
.
.
R76
33R
R75
33R
R79
33R
R77
33R
R86
10K
.
C102
100nF
.
R78
33R
1
2
3
4
5
6
7
8
9
W#/Vpp/DQ2
Vss
DQ1
S#
C
DQ0
HOLD#/DQ3
Vcc
EP
U5
N25Q256A13EF840E
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
DQ1
A6
DQ10
VDD
A1
VDD
DQML
A7
RAS#
VSSQ
DQ15
CAS#
DQ2
DQ13
DQ9
DQ8
CKE
A12
A2
DQ11
A11
A4
A10
A5
DQ7
DQ0
DQ6
VDD
VSSQ
CS#
VDDQ
WE#
VSSQ
DQ3
DQ4
VDDQ
DQ5
BA1
A0
BAO
NC
VSS
VSS
A3
VDDQ
CLK
VDDQ
VSSQ
DQ14
DQ12
DQMH
VSS
A8
A9
U9
MT48LC4M16A2P-6A
MEMORY
PF7
PF9
PF8
PF6
QUAD_SPI
17
11
STM32446E-EVAL
AUTRE REF:
MT48LC16MA2P-6A
SDRAM
11/03/15
B-02
PD3
MB1162
PG6
PF3
PF2
PG5
PG4
PC4
PE0
PF1
PE10
PF11
PG15
PA7
PG0
PF0
PG8
PG2
PF4
PF14
PF13
PF12
PF15
PG1
PF5
PE11
PE1
PC5
PD1
PD14
PD15
PD0
PE8
PE7
PE9
PD10
PD9
PD8
PE15
PE14
PE13
PE12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com