Electronic Components Datasheet Search
  English  ▼

X  

B7LF Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # B7LF
Description  DC-DC Converter Single / Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7LF Datasheet(HTML) 4 Page - Bothhand USA, LP.

  B7LF Datasheet HTML 1Page - Bothhand USA, LP. B7LF Datasheet HTML 2Page - Bothhand USA, LP. B7LF Datasheet HTML 3Page - Bothhand USA, LP. B7LF Datasheet HTML 4Page - Bothhand USA, LP. B7LF Datasheet HTML 5Page - Bothhand USA, LP. B7LF Datasheet HTML 6Page - Bothhand USA, LP. B7LF Datasheet HTML 7Page - Bothhand USA, LP. B7LF Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bothhand USA
B7 LF Series - 10 To 15 Watt Isolated DC-
DC Converter Single / Dual Output
41
8 . Efficiency & Output Load Chart
Vout = 5 Vdc
Vout = 12 Vdc
Vout = 15 Vdc
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
0
10
20
30
40
50
60
70
80
90
Output Load (mA)
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com