Electronic Components Datasheet Search
  English  ▼

X  

B7LF Datasheet(PDF) 6 Page - Bothhand USA, LP.

Part # B7LF
Description  DC-DC Converter Single / Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7LF Datasheet(HTML) 6 Page - Bothhand USA, LP.

  B7LF Datasheet HTML 1Page - Bothhand USA, LP. B7LF Datasheet HTML 2Page - Bothhand USA, LP. B7LF Datasheet HTML 3Page - Bothhand USA, LP. B7LF Datasheet HTML 4Page - Bothhand USA, LP. B7LF Datasheet HTML 5Page - Bothhand USA, LP. B7LF Datasheet HTML 6Page - Bothhand USA, LP. B7LF Datasheet HTML 7Page - Bothhand USA, LP. B7LF Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bothhand USA
B7 LF Series - 10 To 15 Watt Isolated DC-
DC Converter Single / Dual Output
43
Single Output Plastic Case Model
Dual Output Plastic Case Model
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
Units : mm (inch)
Tolerance : 0.xx ± 0.25 (0.xx ± 0.01)
5.00
(0.20)
46.42
(1.83)
21.16
(0.83)
Pb
15.14
(0.6)
15.14
(0.6)
20.32
(0.8)
9.96
(3.92)
5.08
(0.2)
9.96
(3.92)
10.16
(0.40)
10.16
(0.40)
50.60
(1.99)
25.00
(0.98)
5.08
(0.20)
9.55
(0.37)
Printed Face
IN
-
+
OUT = 5 Vdc/±1 A
IN = 9~18 Vdc
B7-1205S10P LF
-
OUT
+
OUT
+
OUT
-
OUT
f 1.00
(0.04)
-
IN
+
IN
Top View
Bottom View
5.00
(0.20)
46.42
(1.83)
21.16
(0.83)
Pb
COM
COM
15.14
(0.6)
15.14
(0.6)
20.32
(0.8)
9.96
(3.92)
5.08
(0.2)
9.96
(3.92)
10.16
(0.40)
10.16
(0.40)
50.60
(1.99)
25.00
(0.98)
5.08
(0.20)
9.55
(0.37)
Printed Face
IN
-
+
OUT = ±5 Vdc/±1 A
IN = 9~18 Vdc
B7-1205D10P LF
-
OUT
+
OUT
+
OUT
-
OUT
f 1.00
(0.04)
-
IN
+
IN
Top View
Bottom View
ψ
ψ
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com